Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3-R18-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # C3-R18-10
Description  CERAMIC CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C3-R18-10 Datasheet(HTML) 6 Page - Superworld Electronics

  C3-R18-10 Datasheet HTML 1Page - Superworld Electronics C3-R18-10 Datasheet HTML 2Page - Superworld Electronics C3-R18-10 Datasheet HTML 3Page - Superworld Electronics C3-R18-10 Datasheet HTML 4Page - Superworld Electronics C3-R18-10 Datasheet HTML 5Page - Superworld Electronics C3-R18-10 Datasheet HTML 6Page - Superworld Electronics C3-R18-10 Datasheet HTML 7Page - Superworld Electronics C3-R18-10 Datasheet HTML 8Page - Superworld Electronics C3-R18-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
07.08.2008
C3 SERIES
9. SOLDERING AND MOUNTING :
soldering of large size products is discouraged. Recommended temperature profile for wave soldering is shown
seen by the circuit when immersed in the molten solder wave. Due to the risk of thermal damage to products, wave
9-2.2 Solder Wave :
Wave soldering is perhaps the most rigorous of surface mount soldering processes due to the steep rise in temperature
9-1. Recommended PC Board Pattern
air soldering tools.
9-2.3 Soldering Iron (Figure 3) :
9-2.1 Lead Free Solder Re-flow :
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
by the difference in coefficients of expansion between solder, chip and substrate. The terminations are suitable for all
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
Recommended temperature profiles for re-flow soldering in Figure 1.
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
a) Preheat circuit and products to 150°C.
b) 350°C tip temperature (max)
c) Never contact the ceramic with the iron tip
a soldering iron must be employed the following precautions are recommended.
Note :
9-2. Soldering
330
Over 2min.
Figure 2. Wave Soldering
Gradual
Cooling
Within 3s
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 3 secs.
d) 1.0mm tip diameter (max)
260
245
150
under mechanical stress as warping the board.
the mechanical stress to prevent failure.
Products shall be positioned in the sideway direction against
PC board should be designed so that products are not sufficient
Figure 3. Hand Soldering
Gradual
Cooling
Over 1min.
350
150
Preheating
Soldering
cooling
Natural
Preheating
Soldering
cooling
Natural
(max.)
(max.)
3s
10s
3.00
1.00
in Fig. 2
60~180s
Figure 1. Re-flow Soldering
60~150s
TP(260°C/10s max.)
Preheating
Soldering
cooling
Natural
Time(sec.)
20~40s
217
200
150
25
480s max.
CERAMIC CHIP INDUCTORS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com