Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3-R18-10 Datasheet(PDF) 8 Page - Superworld Electronics

Part # C3-R18-10
Description  CERAMIC CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C3-R18-10 Datasheet(HTML) 8 Page - Superworld Electronics

  C3-R18-10 Datasheet HTML 1Page - Superworld Electronics C3-R18-10 Datasheet HTML 2Page - Superworld Electronics C3-R18-10 Datasheet HTML 3Page - Superworld Electronics C3-R18-10 Datasheet HTML 4Page - Superworld Electronics C3-R18-10 Datasheet HTML 5Page - Superworld Electronics C3-R18-10 Datasheet HTML 6Page - Superworld Electronics C3-R18-10 Datasheet HTML 7Page - Superworld Electronics C3-R18-10 Datasheet HTML 8Page - Superworld Electronics C3-R18-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
10. PACKAGING INFORMATION :
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 8
07.08.2008
C3 SERIES
10-1. Reel Dimension
7" x 12mm
R0.5
R10.5
13.5±0.5
7" x 8mm
7" x 8mm
120°
7" x 12mm
R1.9
2±0.5
A
178.0±2.0
178.0±2.0
60.0±2.0
B(mm)
60.0±2.0
13.5±0.5
9.0±0.5
A(mm)
Type
13.5±0.5
13.5±0.5
C(mm)
D(mm)
CERAMIC CHIP INDUCTORS
Material : Paper
P
Po:4±0.1
Material : Plastic
Po:4±0.1
P
D1:1.5±0.1
10-2.1 Tape Dimension / 12mm
10-2 Tape Dimension / 8mm
D:1.5+0.1
P2:2±0.05
P2:2±0.1
4.0±0.1
P(mm)
4.0±0.1
4.0±0.1
4.0±0.1
4.0±0.1
8.0±0.1
4.0±0.1
P(mm)
8.0±0.1
Z / L
Series
P
Ao
A
Ko
Section A-A
P2:2±0.05
Po:4±0.1
A
t
8
6.10±0.1
2.00±0.1
5.40±0.1
Bo(mm)
Size
7
6
4.95±0.1
4.95±0.1
Ao(mm)
Ko(mm)
1.85±0.1
1.93±0.1
3.66±0.1
1.93±0.1
Series
Z / L / C
Ao
D1:1±0.1
A
Section A-A
Ko
A
D:1.5+0.1
t
2.25±0.10 1.42±0.10 1.04±0.10
3(09)
1.50±0.10
1.88±0.10
2.77±0.10
5
3.42±0.10
4
3(12)
2.35±0.10
3.50±0.10
1.55±0.10
1.45±0.10
1.27±0.10
1.05±0.10
2
Size
1.95±0.10
Bo(mm)
Ko(mm)
1.05±0.10
Ao(mm)
0.30±0.05
1.5±0.1
D1(mm)
t(mm)
0.24±0.05
0.24±0.05
1.5±0.1
1.5±0.1
1.0±0.1
0.22±0.05
0.22±0.05
1.0±0.1
0.22±0.05
0.22±0.05
1.0±0.1
1.0±0.1
t(mm)
0.23±0.05
D1(mm)
none
2.0±0.1
P(mm)
4.0±0.1
4.0±0.1
Series
Z / L / C
Ao
D:1.56
+0.1
-0.05
Ko
t
0.62±0.03
1.50±0.05
1.05±0.05
1.85±0.05
2
3(09)
2.30±0.05
1
Size
Bo(mm)
1.12±0.03
0.95±0.05
0.95±0.05
Ko(mm)
0.60±0.03
Ao(mm)
none
0.95±0.05
0.95±0.05
none
t(mm)
0.60±0.03
D1(mm)
none



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com