Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANDPSI020TD-LED Datasheet(PDF) 7 Page - Purdy Electronics Corporation

Part # ANDPSI020TD-LED
Description  2.0" Active color TFT LCD Module with Digital/Analog Interface
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

ANDPSI020TD-LED Datasheet(HTML) 7 Page - Purdy Electronics Corporation

  ANDPSI020TD-LED Datasheet HTML 1Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 2Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 3Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 4Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 5Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 5 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
6/25/08
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
7
www.purdyelectronics.com
Displays
Displays
PANEL Connector
Pin No.
Symbol
I/O
Description
1
CP3
C
Capacitor for power setting
2
CP4
C
Capacitor for power setting
3
CP5
C
Capacitor for charge pump
4
CP6
C
Capacitor for charge pump
5
CP7
C
Capacitor for charge pump
6
CP8
C
Capacitor for charge pump
7
NC
–
No connection
8
PCDL
C
Capacitor for pre-charge data signal low
9
PCDH
C
Capacitor for pre-charge data signal high
10
VCOML
C
Capacitor for VCOM low
11
VCOMH
C
Capacitor for VCOM high
12
AGND
–
Analog ground
13
PVDD
C
Regulation capacitor for charge pump
14
AVDD
C
Regulation capacitor for analog voltage
15
CP1
C
Capacitor for charge pump
16
CP2
C
Capacitor for charge pump
17
PWM
O
Power transistor gate signal for the boost converter
18
FB
I
Main boost regulator feedback input
19
LED-
–
LED power: cathode
20
NC
–
No connector
21
NC
–
No connector
22
LED+
–
LED power: anode
23
GND
–
Ground
24
VCC
–
Power supply for digital circuit and charge pump circuit
25
VD
I
Vertical sync input. Negative polarity
26
HD
I
Horizontal sync input. Negative polarity
27
DCLK
I
Clock signal, latch data onto line latches at the rising edge
28
DIN0
I
Data input
29
DIN1
I
Data input
30
DIN2
I
Data input
31
DIN3
I
Data input
32
DIN4
I
Data input
33
DIN5
I
Data input
34
DIN6
I
Data input
35
DIN7
I
Data input
36
SDA
I/O
Serial interface data line
37
SCL
I
Serial interface clock line
38
SCEN
I
Serial interface chip enable line
39
NSTBY
I
Sleep mode setting pin
40
NRESET
I
System reset pin
ANDpSi020TD-LED-KIT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com