Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANDPSI020TD-LED Datasheet(PDF) 3 Page - Purdy Electronics Corporation

Part # ANDPSI020TD-LED
Description  2.0" Active color TFT LCD Module with Digital/Analog Interface
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

ANDPSI020TD-LED Datasheet(HTML) 3 Page - Purdy Electronics Corporation

  ANDPSI020TD-LED Datasheet HTML 1Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 2Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 3Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 4Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 5Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
6/25/08
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
3
www.purdyelectronics.com
Displays
Displays
Timing Chart
YUV Mode: ITUR601-NTSC
Item
Symbol
Min.
Typ.
Max.
Unit
Dot Clock Frequency
DCLK
–
27
–
MHz
Horizontal Display Active
Display Area
–
1440
–
DCLK
Horizontal Line
th
–
1716
–
DCLK
HSYNC PUlse Width
thpw
1
1
–
DCLK
Horizontal Back Porch
thb
–
240
–
DCLK
Horizontal Front Porch
thfp
–
36
–
DCLK
Horizontal Dummy Time
thdm
–
4
–
DCLK
Serial RGB Dummy Mode and Serial YUV 4:2:2 Mode: Horizontal
YUV Mode: ITUR601-PAL
Item
Symbol
Min.
Typ.
Max.
Unit
Dot Clock Frequency
DCLK
–
27
–
MHz
Horizontal Display Active
Display Area
–
1440
–
DCLK
Horizontal Line
th
–
1728
–
DCLK
HSYNC PUlse Width
thpw
1
1
–
DCLK
Horizontal Back Porch
thb
–
240
–
DCLK
Horizontal Front Porch
thfp
–
48
–
DCLK
Horizontal Dummy Time
thdm
–
4
–
DCLK
ANDpSi020TD-LED-KIT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com