Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANDPSI020TD-LED Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # ANDPSI020TD-LED
Description  2.0" Active color TFT LCD Module with Digital/Analog Interface
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

ANDPSI020TD-LED Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  ANDPSI020TD-LED Datasheet HTML 1Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 2Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 3Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 4Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 5Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
6/25/08
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
1
www.purdyelectronics.com
Displays
Displays
ANDpSi020TD-LED-KIT
2.0" Active color TFT LCD Module
with Digital/Analog Interface
The ANDpSi020TD-LED is an 320 x 240 active matrix color TFT
LCD Module with Digital and Analog Interface that utilizes new
low temperature poly-silicon (p-Si) technology to provide brighter,
thinner and lighter display with high resolution. Both of horizontal
and vertical scan are reversible and controlled by the serial
interface commands. The product is designed for the requirement
of the green product, and the specification complies with
Toppoly’s “Green Product Chemical Substance Specification
Standard Hand Book”. All these features making it ideal for
portable applications including personal digital assistants (PDAs),
medical instruments and test & measurements instruments.
Features
• p-Si construction with drivers on glass
• High luminance
• Digital and Analog Interface
• NTSC and PAL format compatible
• 16 Million/Full Color
• Slim (2.53 mm) and lightweight design
• Transmissive type. FIxed current LED backlight
• RoHS Compliant
Mechanical Characteristics
Item
Specification
Unit
Display Size (diag.)
2.0
inch
Display Type
Transmissive
–
Active Area
40.672 (H) x 30.48 (V)
mm
Number of Dots
320 (H) x RGB x 240 (V)
dot
Dot Pitch
0.0635 (H) x 0.127 (V)
mm
Color Arrangement
RGB Delta
–
Color Numbers
16 Million/Full Color
–
Outline Dimensions
46.1(H) x 40.96(V) x
2.53* (D)
mm
Weight
8.5
g
Panel surface treatment
Hard Coating (3H)
–
* Exclude FPC and protrusions.
Absolute Maximum Ratings (GND=0V)
Item
Symbol
Min. Max. Unit
Logic Power Supply
Voltage
VCC
-0.5
4.5
V
Input Signal Voltage
VD, HD, DCLK, DIN[0:7],
SDA, SCL, SCEN, SHDB,
GRESTB
VIN1
0
VCC
V
Backlight Forward current
IF
–25
mA
Operating Temp.
Topr
-10
+60
ºC
Storage Temp.
Tstg
-30
+80
ºC
Electrical Characteristics (GND=0V, Ta = 25°C)
Driving TFT LCD Panel
Item
Symbol
Min.
Typ.
Max. Unit
Power Supply for H/V Driver
VCC
2.85
3.0
3.6
V
Input Driver
Voltage
VD, HD, DCLK,
DIN[0:7], SDA,
SCL, SCEN, SHDB,
GRESTB
Low
VIL
GND
–
0.2 x
VCC*
V
High
VIH
0.8 x
VCC*
–
VCC*
PWM Output Voltage
VPWM
0–
VCC*
V
Feedback Voltage
VFB
0.55
0.6
0.65
V
Panel Power Consumption
Wp
–
50
60
mW
VCC*=VCC(TYP)
Note 1:
Note 2:
The VCC power is provided for overall panel
module supply voltage.
DC/DC feedback control voltage.
Absolute Maximum Ratings (Cont.) (GND=0V)
Item
Symbol
Min. Max. Unit
Driving Backlight in Standard Mode (Ta = 25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Forward Current
IF
–23
25
mA
Forward Current Volt.
VF
–3.4
3.6
V
Backlight Power
Consumption*
WBL
–
78.2
90
mW
* Backlight driving circuit is recommended as the fix current circuit
Product specifications contained herein may be changed
without prior notice. It is therefore advisable to contact Purdy
Electronics before proceeding with the design of equipment
incorporating this product.


Similar Part No. - ANDPSI020TD-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
ANDpSi020TD-LED PURDY-ANDpSi020TD-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
ANDPSI020TD-LED-KIT PURDY-ANDPSI020TD-LED-KIT Datasheet
383Kb / 8P
2.0" Active color TFT LCD Module with Digital/Analog Interface
More results

Similar Description - ANDPSI020TD-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
ANDPSI020TD-LED-KIT PURDY-ANDPSI020TD-LED-KIT Datasheet
383Kb / 8P
2.0" Active color TFT LCD Module with Digital/Analog Interface
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
TFT COLOR LCD MODULE
logo
Kyocera Kinseki Corpota...
TVL-55682D101U-LW-I-AAN KSS-TVL-55682D101U-LW-I-AAN Datasheet
1Mb / 33P
Color Active Matrix TFT TN LCD module
TVL-55683D116U-LW-I-AAN KSS-TVL-55683D116U-LW-I-AAN Datasheet
1Mb / 31P
Color Active Matrix TFT TN LCD module
TVL-55684D140U-LW-I-AAN KSS-TVL-55684D140U-LW-I-AAN Datasheet
915Kb / 31P
Color Active Matrix TFT TN LCD module
logo
AZ Displays
HV070WS1-105 AZDISPLAYS-HV070WS1-105 Datasheet
785Kb / 34P
color active matrix TFT LCD module
HV070WX2-1E0 AZDISPLAYS-HV070WX2-1E0 Datasheet
1Mb / 32P
color active matrix TFT LCD module
HV101HD1-1E1 AZDISPLAYS-HV101HD1-1E1 Datasheet
1Mb / 29P
color active matrix TFT LCD module
HX104X02-100 AZDISPLAYS-HX104X02-100 Datasheet
1Mb / 31P
color active matrix TFT LCD module
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
color TFT LCD module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com