Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANDPSI020TD-LED Datasheet(PDF) 4 Page - Purdy Electronics Corporation

Part # ANDPSI020TD-LED
Description  2.0" Active color TFT LCD Module with Digital/Analog Interface
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

ANDPSI020TD-LED Datasheet(HTML) 4 Page - Purdy Electronics Corporation

  ANDPSI020TD-LED Datasheet HTML 1Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 2Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 3Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 4Page - Purdy Electronics Corporation ANDPSI020TD-LED Datasheet HTML 5Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Displays
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
4
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
6/25/08
www.purdyelectronics.com
Timing Chart With Analog Interface
Item
Symbol
Min
Typ
Max
Unit
Dot Clock Frequency
QVGA
DCLK
–25
–
MHz
NTSC
–
24.54
–
PAL
–
24.38
–
Horizontal Display Active
Display Area
–
1280
–
DCLK
Horizontal Line
th
–
1560
–
DCLK
HSYNC PUlse Width
thpw
–
1
–
DCLK
Horizontal Back Porch
thb
–
240
–
DCLK
Horizontal Front Porch
thfp
–
40
–
DCLK
Horizontal Dummy Time
thdm
–
4
–
DCLK
Optical Specification
Ta=25ºC
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Viewing Angle
θ11
CR ≥ 10
30
40
–
degree
θ12
30
40
–
θ21
15
20
–
θ22
40
50
–
Contrast Ratio
CR
θ = 0º
200
300
–
–
Response Time
Rising
Tr
–
13
20
ms
Falling
Tf
–
22
30
Luminance
IF=23mA
L
200
250
–
cd/m2
Chromaticity
White
xw
0.26
0.31
0.36
–
yw
0.29
0.34
0.39
ANDpSi020TD-LED-KIT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com