Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS1020A Datasheet(PDF) 38 Page - Texas Instruments

Part # TAS1020A
Description  USB Streaming Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS1020A Datasheet(HTML) 38 Page - Texas Instruments

Back Button TAS1020A Datasheet HTML 34Page - Texas Instruments TAS1020A Datasheet HTML 35Page - Texas Instruments TAS1020A Datasheet HTML 36Page - Texas Instruments TAS1020A Datasheet HTML 37Page - Texas Instruments TAS1020A Datasheet HTML 38Page - Texas Instruments TAS1020A Datasheet HTML 39Page - Texas Instruments TAS1020A Datasheet HTML 40Page - Texas Instruments TAS1020A Datasheet HTML 41Page - Texas Instruments TAS1020A Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 114 page
background image
2–24
•
At the same time that the DMA engine reinitializes itself to receive the next input device frame, the UBM
has noted the clearing of the NACK flag in IEPDCNTX/Y. When this occurs, the UBM knows that one or more
complete frames reside in the circular buffer, starting at the address pointed to by the read buffer, and that
the integer number of frames comprise a total of DCNTX/Y samples. When the USB SOF event occurs, the
UBM is thus prepared and can respond to the USB isochronous in transaction when it occurs. As the UBM
retrieves data during the isochronous in transaction, it updates the read pointer by one count for each byte
retrieved. When DCNTX/Y samples have been output, the NACK bit in IEPDCNTX/Y is set back to logic
1 and the isochronous transaction is terminated. The UBM now awaits the clearing of the NACK bit in
IEPDCNTX/Y and the occurrence of the next USB SOF event, at which time the process repeats. The UBM
now continues to alternate (ping pong) between the data count and NACK flag value in register IEPDCNTX
and the data count and NACK flag value in register IEPDCNTY until the DMA process is terminated by the
MCU.
•
If an isochronous in token is received when there is no new data to be output (the NACK flag bits in both
IEPDCNTX and IEPDCNTY registers are at logic 1), the UBM will respond to the isochronous in request
with a NULL packet.
2.2.8
Microcontroller Unit
The TAS1020A chip contains an 8-bit microcontroller core for control and supervisory functions. The microcontroller
core used is based on the industry standard 8052. It is software compatible (including instruction execution times)
with the industry standard 8052AH and 8052BH discrete devices, having all their core features plus the additional
features corresponding to standard 8052 / 8032 / 80C52BH / 80C32BH / 87C52 parts – except the ONCE mode and
program lock are not supported.
The MCU core has three 16-bit timer/counter units and a full-duplex serial port (UART). The timer/counter units and
the UART are made available via the port 3 bits; thus some of the port 3 bits have dual functionality assignments in
accordance with the 80C51 family of microcontrollers (see Section 2.2.11 for more detail on the dual functionality of
port 3).
2.2.9
External MCU Mode Operation
An external MCU mode of operation is provided for firmware development using an in-circuit emulator (ICE). The
external MCU mode is selected by setting pin EXTEN on the TAS1020A high. When the external MCU mode is
selected, the internal 8052 MCU core of the TAS1020A is disabled. Also in the external MCU mode, the GPIO ports
are used for the external MCU data, address, and control signals. Refer to section 1.7, Terminal Functions – External
MCU Mode, for details. When in the external mode of operation, the external MCU or ICE is able to access the memory
mapped IO registers, the USB configuration blocks and the USB buffer space in the TAS1020A.
Texas Instruments has developed a TAS1020A evaluation module (EVM) to allow customers to develop application
firmware and to evaluate device performance. The EVM board provides a 40-pin dip socket for an ICE and headers
to allow expansion of the system in a variety of ways.
2.2.10 Interrupt Logic
The 8052 MCU core used in the TAS1020A supports the five standard 8052 MCU interrupt sources. These five
standard MCU interrupt sources are timer 0, timer 1, serial port, external 1 (INT1), and external 0 (INT0).The timer
0, timer 1, and serial port interrupts are MCU-internal interrupts, but INT0 and INT1 are external to the MCU core.
Figure 2–2 shows the associated interrupt circuitry external to the MCU core, but within the TAS1020A chip. INT0
is input into the MCU core via port 3 bit P3.2, and INT1 is input into the MCU core via port 3 bit P3.3. P3.3 can also
be configured, under firmware control, to serve as a general-purpose IO (GPIO) port bit. But the input side of P3.2
must be dedicated to servicing the INT0 function, as all additional interrupt sources from within the TAS1020A device
are ORed together to generate the INT0 signal into port 3, bit P3.2. The other interrupt sources are: the eight USB
IN endpoints, the eight USB OUT endpoints, USB function reset, USB function suspend, USB function resume, USB
start-of-frame, USB pseudo start-of-frame, USB setup stage transaction, USB setup stage transaction over-write,
codec port interface transmit data register empty, codec port interface receive data register full, I2C interface transmit
data register empty, I2C interface receive data register full, DMA channel 0, DMA channel 1, and the external interrupt
XINT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com