Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS1020A Datasheet(PDF) 46 Page - Texas Instruments

Part # TAS1020A
Description  USB Streaming Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS1020A Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS1020A Datasheet HTML 42Page - Texas Instruments TAS1020A Datasheet HTML 43Page - Texas Instruments TAS1020A Datasheet HTML 44Page - Texas Instruments TAS1020A Datasheet HTML 45Page - Texas Instruments TAS1020A Datasheet HTML 46Page - Texas Instruments TAS1020A Datasheet HTML 47Page - Texas Instruments TAS1020A Datasheet HTML 48Page - Texas Instruments TAS1020A Datasheet HTML 49Page - Texas Instruments TAS1020A Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 114 page
background image
2–32
If the C/NT bit in the appropriate MCU special function register (SFR) for a given timer is cleared to enable a timer
function, or if the timer/counter interrupt is masked off by clearing the appropriate ET bit in the MCU interrupt enable
register IE, the corresponding port bit input providing the external event clock can be used as a general-purpose input.
For the external trigger input for timer 2, it is necessary to clear bit EXEN2 in the MCU timer/counter 2 control register
T2CON if this input is to be used as a general-purpose input.
2.2.11.1.4 MCU Read/Write Pulse Alternate Function
The TAS1020A provides the capability of replacing the internal MCU core with an in-circuit emulator (ICE) for firmware
development. When in the external MCU mode of operation (EXTEN = 1), port 3 bits P3.7 and P3.6 respectively are
used to input the ICE-generated memory read and write pulses so that the ICE can access the memory-mapped
resources internal to the TAS1020A (but not those resources internal to the MCU core itself). When in the internal
MCU mode, P3.6 and P3.7 output the external memory write and read pulses respectively from the MCU core, and
can be used as troubleshooting aids. P3.6 and P3.7 cannot be used as GPIO resources.
2.2.11.2 Port 1 GPIO Bits
Port 1 has two bits that have alternate input functionality – P1.0 and P1.1. The alternate function serviced by these
inputs is timer 2. P1.0 provides the external event clock for timer 2 and P1.1 provides the external trigger. These
alternate functions and the conditions under which these two bits can be used as GPIO bits are discussed in Section
2.2.11.1.3.
Port 1 provides no alternate output functionality.
2.2.12 DMA Controller
The TAS1020A provides two DMA channels for transferring data between the USB endpoint buffers and the codec
port interface. The DMA channels are provided to support the streaming of data for USB isochronous or bulk OUT
endpoints only. Each DMA channel can be programmed to service one isochronous endpoint. The endpoint number
and direction are programmable using the DMA channel control register provided for each DMA channel.
For the two AC ’97 modes supported by the TAS020A, one DMA channel can be assigned to support bulk OUT
transactions and the second DMA channel assigned to support isochronous IN transactions. An example would be
downloading an AC3 file for storage via a bulk OUT transaction while, at the same time, supporting an isochronous
recording session. For all formats and protocols other than AC ’97, however, if a DMA channel is assigned to support
bulk OUT transactions, it can be the only DMA channel active. If, for example, DMA channel 0 is assigned to support
bulk OUT transactions in the General Purpose mode, then DMA channel 1 cannot be assigned to support bulk OUT
or isochronous transactions.
Section 2.2.7.3.3 provides more detail on DMA-supported bulk OUT transactions
.
The codec port interface time slots to be serviced by a particular DMA channel must also be programmed. For
example, an AC ’97 mode stereo speaker application uses time slots 3 and 4 for audio playback. Therefore, the DMA
channel used to move the audio data to the codec port interface must set time slot assignment bits 3 and 4 to a 1.
Each DMA channel is capable of being programmed to transfer data for time slots 0 through 13 using the two DMA
channel time slot assignment registers provided for each DMA channel.
The number of bytes to be transferred for each time slot is also programmable. The number of bytes used must be
set based on the desired audio data format.
2.2.13 Codec Port Interface
The codec port interface is a configurable serial interface used to transfer data between the TAS1020A IC and a codec
device. The serial protocol and formats supported include AC ’97 1.0, AC ’97 2.0, and several I2S modes. In addition,
a general-purpose mode is provided that can be configured to various user defined serial interface formats.
Configuration of the interface is accomplished using the four codec port interface configuration registers: CPTCNF1,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com