Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS1020A Datasheet(PDF) 90 Page - Texas Instruments

Part # TAS1020A
Description  USB Streaming Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS1020A Datasheet(HTML) 90 Page - Texas Instruments

Back Button TAS1020A Datasheet HTML 86Page - Texas Instruments TAS1020A Datasheet HTML 87Page - Texas Instruments TAS1020A Datasheet HTML 88Page - Texas Instruments TAS1020A Datasheet HTML 89Page - Texas Instruments TAS1020A Datasheet HTML 90Page - Texas Instruments TAS1020A Datasheet HTML 91Page - Texas Instruments TAS1020A Datasheet HTML 92Page - Texas Instruments TAS1020A Datasheet HTML 93Page - Texas Instruments TAS1020A Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 114 page
background image
A–22
A.5.2.2 DMA Time Slot Assignment Register (High Byte) (DMATSH1 – Address FFEFh)
(DMATSH0 – Address 0xFFE9)
Bit
7
6
5
4
3
2
1
0
Mnemonic
BPTS1
BPTS0
TSL13
TSL12
TSL11
TSL10
TSL9
TSL8
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:6
BPTS(1:0)
Bytes per time slot
The bytes per time slot bits are used to define the number of bytes to be transferred for each
time slot supported by this DMA channel.
00b = 1 byte,
01b = 2 bytes,
10b = 3 bytes,
11b = 4 bytes
5:0
TSL(13:8)
Time slot assignment
The DMA time slot assignment bits are set to 1 by the MCU to define the codec port
interface time slots supported by this DMA channel.
A.5.2.3 DMA Control Register (DMACTL1 – Address FFEEh) (DMACTL0 – Address FFE8h)
Bit
7
6
5
4
3
2
1
0
Mnemonic
DMAEN
HSKEN
—
—
EPDIR
EPNUM2
EPNUM1
EPNUM0
Type
R/W
R/W
R
R
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
DMAEN
DMA enable
The DMA enable bit is set to a 1 by the MCU to enable this DMA channel. Before enabling
the DMA channel, all other DMA channel configuration bits must be set to the desired value.
6
HSKEN
Handshake enable
This bit is relevant for BULK data transfer in the OUT direction through DMA. MCU must set
this bit to a 1 to enable the handshake mode for the data transfer. If MCU sets this bit, MCU
has to enable DMA for each received BULK OUT packet. DMA, once enabled, transfers the
BULK OUT packet to the C-port, disables itself and generates an interrupt to the MCU. If
MCU clears this bit, DMA handles the BULK OUT data transfer to the C-port without MCU
intervention. For more details, see Section 2.2.7.3.3.
5
—
Reserved
Reserved for future use
4
—
Reserved
Reserved for future use
3
EPDIR
USB endpoint direction
The USB endpoint direction bit controls the direction of data transfer by this DMA channel.
The MCU should set this bit to a 1 to configure this DMA channel to be used for a USB IN
endpoint. The MCU must clear this bit to a 0 to configure this DMA channel to be used for a
USB OUT endpoint.
2:0
EPNUM(2:0)
USB endpoint number
The USB endpoint number bits are set by the MCU to define the USB endpoint number
supported by this DMA channel. Keep in mind that endpoint 0 is always used for the control
endpoint, which is serviced by the MCU and not a DMA channel.
001b = Endpoint 1,
010b = Endpoint 2,
…,
111b = Endpoint 7,
000b = Illegal
A.5.2.4 DMA Current Buffer Content Register (Low-Byte) (DMABCNT1L – Address FFF3h)
(DMABCNT0L– Address FFEBh)
Bit
7
6
5
4
3
2
1
0
Mnemonic
Size 7
Size 6
Size 5
Size 4
Size 3
Size 2
Size 1
Size 0
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
Size(7:0)
Buffer content
This register shows the buffer content (bytes) for an ISO OUT endpoint. This register is updated
every SOF and is stable for the following USB frame, during which the MCU can read it to
implement USB audio synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com