Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12CPUV2 Datasheet(PDF) 88 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 88 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 84Page - Motorola, Inc S12CPUV2 Datasheet HTML 85Page - Motorola, Inc S12CPUV2 Datasheet HTML 86Page - Motorola, Inc S12CPUV2 Datasheet HTML 87Page - Motorola, Inc S12CPUV2 Datasheet HTML 88Page - Motorola, Inc S12CPUV2 Datasheet HTML 89Page - Motorola, Inc S12CPUV2 Datasheet HTML 90Page - Motorola, Inc S12CPUV2 Datasheet HTML 91Page - Motorola, Inc S12CPUV2 Datasheet HTML 92Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
88
15.1 Device-specific information
The read-only Module Version Register (BFMVR) contains the current version number of $80.
Section 16 Pulse Width Modulator (PWM) Block
Description
Consult the PWM_8B8C Block User Guide for information about the Pulse Width Modulator module.
When the PWM_8B8C Block User Guide refers to freeze mode this is equivalent to active BDM mode.
Section 17 Flash EEPROM 128K Block Description
Consult the FTS128K Block User Guide for information about the flash module.
The "S12 LRAE" is a generic Load RAM and Execute (LRAE) program which will be programmed into
the flash memory of this device during manufacture. This LRAE program will provide greater
programming flexibility to the end users by allowing the device to be programmed directly using CAN or
SCI after it is assembled on the PCB. Use of the LRAE program is at the discretion of the end user and, if
not required, it must simply be erased prior to flash programming. For more details of the S12 LRAE and
its implementation, please see the S12 LREA Application Note (AN2546/D).
It is planned that most HC9S12 devices manufactured after Q1 of 2004 will be shipped with the S12 LRAE
programmed in the Flash . Exact details of the changeover (ie blank to programmed) for each product will
be communicated in advance via GPCN and will be traceable by the customer via datecode marking on
the device.
Please contact Motorola SPS Sales if you have any additional questions.
Section 18 EEPROM 2K Block Description
Consult the EETS2K Block User Guide for information about the EEPROM module.
Section 19 RAM Block Description
This module supports single-cycle misaligned word accesses without wait states.
Section 20 MSCAN Block Description
There are three MSCAN modules (CAN4, CAN1 and CAN0) implemented on the MC9S12DT128.
Consult the MSCAN Block User Guide for information about the Motorola Scalable CAN Module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com