Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12CPUV2 Datasheet(PDF) 100 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 100 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 96Page - Motorola, Inc S12CPUV2 Datasheet HTML 97Page - Motorola, Inc S12CPUV2 Datasheet HTML 98Page - Motorola, Inc S12CPUV2 Datasheet HTML 99Page - Motorola, Inc S12CPUV2 Datasheet HTML 100Page - Motorola, Inc S12CPUV2 Datasheet HTML 101Page - Motorola, Inc S12CPUV2 Datasheet HTML 102Page - Motorola, Inc S12CPUV2 Datasheet HTML 103Page - Motorola, Inc S12CPUV2 Datasheet HTML 104Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
100
A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device
specification. Complete DC parametric and functional testing is performed per the applicable device
specification at room temperature followed by hot temperature, unless specified otherwise in the device
specification.
A.1.7 Operating Conditions
This chapter describes the operating conditions of the device. Unless otherwise noted those conditions
apply to all the following data.
NOTE:
Please refer to the temperature rating of the device (C, V, M) with regards to the
ambient temperature TA and the junction temperature TJ. For power dissipation
Table A-2 ESD and Latch-up Test Conditions
Model
Description
Symbol
Value
Unit
Human Body
Series Resistance
R1
1500
Ohm
Storage Capacitance
C
100
pF
Number of Pulse per pin
positive
negative
–
–
3
3
Machine
Series Resistance
R1
0
Ohm
Storage Capacitance
C
200
pF
Number of Pulse per pin
positive
negative
–
–
3
3
Latch-up
Minimum input voltage limit
–2.5
V
Maximum input voltage limit
7.5
V
Table A-3 ESD and Latch-Up Protection Characteristics
Num
C
Rating
Symbol
Min
Max
Unit
1
C Human Body Model (HBM)
VHBM
2000
–
V
2
C Machine Model (MM)
VMM
200
–
V
3
C Charge Device Model (CDM)
VCDM
500
–
V
4C
Latch-up Current at 125
°C
positive
negative
ILAT
+100
–100
–mA
5C
Latch-up Current at 27
°C
positive
negative
ILAT
+200
–200
–mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com