Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12CPUV2 Datasheet(PDF) 26 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 26 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 22Page - Motorola, Inc S12CPUV2 Datasheet HTML 23Page - Motorola, Inc S12CPUV2 Datasheet HTML 24Page - Motorola, Inc S12CPUV2 Datasheet HTML 25Page - Motorola, Inc S12CPUV2 Datasheet HTML 26Page - Motorola, Inc S12CPUV2 Datasheet HTML 27Page - Motorola, Inc S12CPUV2 Datasheet HTML 28Page - Motorola, Inc S12CPUV2 Datasheet HTML 29Page - Motorola, Inc S12CPUV2 Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
26
–
Digital filtering
–
Programmable rising or falling edge trigger
•
Memory
–
128K Flash EEPROM
–
2K byte EEPROM
–
8K byte RAM
•
Two 8-channel Analog-to-Digital Converters
–
10-bit resolution
–
External conversion trigger capability
•
Three 1M bit per second, CAN 2.0 A, B software compatible modules
–
Five receive and three transmit buffers
–
Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8x8bit
–
Four separate interrupt channels for Rx, Tx, error and wake-up
–
Low-pass filter wake-up function
–
Loop-back for self test operation
•
Enhanced Capture Timer
–
16-bit main counter with 7-bit prescaler
–
8 programmable input capture or output compare channels
–
Four 8-bit or two 16-bit pulse accumulators
•
8 PWM channels
–
Programmable period and duty cycle
–
8-bit 8-channel or 16-bit 4-channel
–
Separate control for each pulse width and duty cycle
–
Center-aligned or left-aligned outputs
–
Programmable clock select logic with a wide range of frequencies
–
Fast emergency shutdown input
–
Usable as interrupt inputs
•
Serial interfaces
–
Two asynchronous Serial Communications Interfaces (SCI)
–
Two Synchronous Serial Peripheral Interface (SPI)
–
Byteflight
•
Byte Data Link Controller (BDLC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com