Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12CPUV2 Datasheet(PDF) 118 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 118 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 114Page - Motorola, Inc S12CPUV2 Datasheet HTML 115Page - Motorola, Inc S12CPUV2 Datasheet HTML 116Page - Motorola, Inc S12CPUV2 Datasheet HTML 117Page - Motorola, Inc S12CPUV2 Datasheet HTML 118Page - Motorola, Inc S12CPUV2 Datasheet HTML 119Page - Motorola, Inc S12CPUV2 Datasheet HTML 120Page - Motorola, Inc S12CPUV2 Datasheet HTML 121Page - Motorola, Inc S12CPUV2 Datasheet HTML 122Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
118
A.5.1.5 Pseudo Stop and Wait Recovery
The recovery from Pseudo STOP and Wait are essentially the same since the oscillator was not stopped in
both modes. The controller can be woken up by internal or external interrupts. After twrs the CPU starts
fetching the interrupt vector.
A.5.2 Oscillator
The device features an internal Colpitts and Pierce oscillator. The selection of Colpitts oscillator or Pierce
oscillator/external clock depends on the XCLKS signal which is sampled during reset.By asserting the
XCLKS input during reset this oscillator can be bypassed allowing the input of a square wave. Before
asserting the oscillator to the internal system clocks the quality of the oscillation is checked for each start
from either power-on, STOP or oscillator fail. tCQOUT specifies the maximum time before switching to the
internal self clock mode after POR or STOP if a proper oscillation is not detected. The quality check also
determines the minimum oscillator start-up time tUPOSC. The device also features a clock monitor. A
Clock Monitor Failure is asserted if the frequency of the incoming clock signal is below the Assert
Frequency fCMFA.
Table A-15 Oscillator Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1a
C Crystal oscillator range (Colpitts)
fOSC
0.5
16
MHz
1b
C Crystal oscillator range (Pierce) 1
NOTES:
1. Depending on the crystal a damping series resistor might be necessary
fOSC
0.5
40
MHz
2
P Startup Current
iOSC
100
µA
3
C Oscillator start-up time (Colpitts)
tUPOSC
82
2. fosc = 4MHz, C = 22pF.
1003
3. Maximum value is for extreme cases using high Q, low frequency crystals
ms
4
D Clock Quality check time-out
tCQOUT
0.45
2.5
s
5
P Clock Monitor Failure Assert Frequency
fCMFA
50
100
200
KHz
6P External square wave input frequency 4
4. XCLKS =0 during reset
fEXT
0.5
50
MHz
7
D External square wave pulse width low
tEXTL
9.5
ns
8
D External square wave pulse width high
tEXTH
9.5
ns
9
D External square wave rise time
tEXTR
1ns
10
D External square wave fall time
tEXTF
1ns
11
D Input Capacitance (EXTAL, XTAL pins)
CIN
7pF
12
C
DC Operating Bias in Colpitts Configuration on
EXTAL Pin
VDCBIAS
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com