Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC551CDBLE Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC551CDBLE
Description  LinCMOSE TIMERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC551CDBLE Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC551CDBLE Datasheet HTML 5Page - Texas Instruments TLC551CDBLE Datasheet HTML 6Page - Texas Instruments TLC551CDBLE Datasheet HTML 7Page - Texas Instruments TLC551CDBLE Datasheet HTML 8Page - Texas Instruments TLC551CDBLE Datasheet HTML 9Page - Texas Instruments TLC551CDBLE Datasheet HTML 10Page - Texas Instruments TLC551CDBLE Datasheet HTML 11Page - Texas Instruments TLC551CDBLE Datasheet HTML 12Page - Texas Instruments TLC551CDBLE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TLC551, TLC551Y
LinCMOS
™ TIMERS
SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Threshold voltage
2.8
3.3
3.8
V
IIT
Threshold current
10
pA
VI(TRIG)
Trigger voltage
1.36
1.66
1.96
V
II(TRIG)
Trigger current
10
pA
VI(RESET)
Reset voltage
0.4
1.1
1.5
V
II(RESET)
Reset current
10
pA
Control voltage (open circuit) as a percentage of supply voltage
66.7%
Discharge switch on-state voltage
IOL = 10 mA
0.14
0.5
V
Discharge switch off-state current
0.1
nA
VOH
High-level output voltage
IOH = – 1 mA
4.1
4.8
V
IOL = 8 mA
0.21
0.4
VOL
Low-level output voltage
IOL = 5 mA
0.13
0.3
V
IOL = 3.2 mA
0.08
0.3
IDD
Supply current
See Note 2
170
350
µA
NOTE 2: These values apply for the expected operating configurations in which THRES is connected directly to DISCH or to TRIG.
TYPICAL CHARACTERISTICS
Figure 1
2
1
025
75
DISCHARGE SWITCH ON-STATE RESISTANCE
vs
FREE-AIR TEMPERATURE
50
100
10
4
20
100
40
7
70
TA – Free-Air Temperature – °C
VDD = 2 V, IO = 1 mA
VDD = 5 V, IO = 10 mA
VDD = 15 V, IO = 100 mA
Figure 2
100
0
0
2
4
6
8
12
16
PROPAGATION DELAY TIMES (TO DISCHARGE
OUTPUT FROM TRIGGER AND THRESHOLD
SHORTED TOGETHER)
vs
SUPPLY VOLTAGE
10
14
400
200
500
600
300
VDD – Supply Voltage – V
20
18
tPLH‡
tPHL
IO(on) ≥ 1 mA
CL ≈ 0
TA = 25°C
‡ The effects of the load resistance on these values must be
taken into account separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com