Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC551CDBLE Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC551CDBLE
Description  LinCMOSE TIMERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC551CDBLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC551CDBLE Datasheet HTML 7Page - Texas Instruments TLC551CDBLE Datasheet HTML 8Page - Texas Instruments TLC551CDBLE Datasheet HTML 9Page - Texas Instruments TLC551CDBLE Datasheet HTML 10Page - Texas Instruments TLC551CDBLE Datasheet HTML 11Page - Texas Instruments TLC551CDBLE Datasheet HTML 12Page - Texas Instruments TLC551CDBLE Datasheet HTML 13Page - Texas Instruments TLC551CDBLE Datasheet HTML 14Page - Texas Instruments TLC551CDBLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TLC551, TLC551Y
LinCMOS
™ TIMERS
SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The equations below provide better agreement with measured values.
t
c(H) +
C
T
(R
A )
R
B
)In 3– exp
–t
PLH
C
T
(R
B )
ron)
) t
PHL
t
c(L) +
C
T
(R
B )
ron)In 3–exp
–t
PHL
C
T
(R
A )
R
B
)
) t
PLH
These equations and those given earlier are similar in that a time constant is multiplied by the logarithm of a number
or function. The limit values of the logarithmic terms must be between In 2 at low frequencies and In 3 at extremely
high frequencies. For a duty cycle close to 50%, an appropriate constant for the logarithmic terms can be substituted
with good results. Duty cycles less than 50%
t
c(H)
t
c(H) )
t
c(L)
require that
t
c(H)
t
c(L)
<1 and possibly RA ≤ ron. These
conditions can be difficult to obtain.
In monostable applications, the trip point of the trigger input can be set by a voltage applied to CONT. An input voltage
between 10% and 80% of the supply voltage from a resistor divider with at least 500-
µA bias provides good results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com