Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC551CDBLE Datasheet(PDF) 15 Page - Texas Instruments

Part # TLC551CDBLE
Description  LinCMOSE TIMERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC551CDBLE Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC551CDBLE Datasheet HTML 8Page - Texas Instruments TLC551CDBLE Datasheet HTML 9Page - Texas Instruments TLC551CDBLE Datasheet HTML 10Page - Texas Instruments TLC551CDBLE Datasheet HTML 11Page - Texas Instruments TLC551CDBLE Datasheet HTML 12Page - Texas Instruments TLC551CDBLE Datasheet HTML 13Page - Texas Instruments TLC551CDBLE Datasheet HTML 14Page - Texas Instruments TLC551CDBLE Datasheet HTML 15Page - Texas Instruments TLC551CDBLE Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
TLC551, TLC551Y
LinCMOS
™ TIMERS
SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL INFORMATION
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040064 / E 08/96
14 PIN SHOWN
Seating Plane
0,05 MIN
1,20 MAX
1
A
7
14
0,19
4,50
4,30
8
6,20
6,60
0,30
0,75
0,50
0,25
Gage Plane
0,15 NOM
0,65
M
0,10
0
°–8°
0,10
PINS **
A MIN
A MAX
DIM
2,90
3,10
8
4,90
5,10
14
6,60
6,40
4,90
5,10
16
7,70
20
7,90
24
9,60
9,80
28
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com