Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7225C Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC7225C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225C Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC7225C Datasheet HTML 8Page - Texas Instruments TLC7225C Datasheet HTML 9Page - Texas Instruments TLC7225C Datasheet HTML 10Page - Texas Instruments TLC7225C Datasheet HTML 11Page - Texas Instruments TLC7225C Datasheet HTML 12Page - Texas Instruments TLC7225C Datasheet HTML 13Page - Texas Instruments TLC7225C Datasheet HTML 14Page - Texas Instruments TLC7225C Datasheet HTML 15Page - Texas Instruments TLC7225C Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
unipolar output operation
The unipolar output operation is the basic mode of operation for each channel of the TLC7225, with the output
voltages having the same positive polarity as Vref. The TLC7225 can be operated with a single supply
(VSS = AGND) or with positive or negative supplies. The voltage at Vref must never be negative with respect
to DGND to prevent parasitic transistor turnon. Connections for the unipolar output operation are shown in
Figure 8. The transfer values are shown in Table 3.
_
+
DAC A
_
+
DAC B
_
+
DAC C
_
+
DAC D
5
REFA
2
1
24
23
OUTA
OUTB
OUTC
OUTD
REFB
REFC
REFD
VSS
AGND
DGND
4
21
20
Figure 8. Unipolar Output Circuit
LSB
MSB
DAC LATCH CONTENTS
ANALOG OUTPUT
) V
ref
255
256
1111
1111
) V
ref
129
256
1000
0001
1000
0000
) V
ref
128
256
+)
V
ref
2
0111
1111
) V
ref
127
256
0000
0001
) V
ref
1
256
0000
0000
0 V
NOTE 3 : 1 LSB
+ V
ref
2– 8
+ V
ref
1
256
Table 3. Unipolar Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com