Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7225C Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC7225C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225C Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC7225C Datasheet HTML 10Page - Texas Instruments TLC7225C Datasheet HTML 11Page - Texas Instruments TLC7225C Datasheet HTML 12Page - Texas Instruments TLC7225C Datasheet HTML 13Page - Texas Instruments TLC7225C Datasheet HTML 14Page - Texas Instruments TLC7225C Datasheet HTML 15Page - Texas Instruments TLC7225C Datasheet HTML 16Page - Texas Instruments TLC7225C Datasheet HTML 17Page - Texas Instruments TLC7225C Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
AGND bias for positive output offset
The TLC7225 AGND terminal can be biased above or below the system ground terminal, DGND, to provide an
offset-zero analog-output voltage level. Figure 10 shows a circuit configuration to achieve this for channel A of
the TLC7225. The output voltage, VO at OUTA, can be expressed as:
V
O +
V
bias )
D
A
V
I
where DA is a fractional representation of the digital input word (0 ≤ D ≤ 255/256).
_
+
DAC A
AGND
DGND
TLC7225†
Vref
VO(OUTA)
5
22
2
7
3
VDD
6
VSS
VI
Vbias
† Digital inputs omitted for clarity.
Figure 10. AGND Bias Circuit
Increasing AGND above system ground reduces the output range. VDD – Vref must be at least 4 V to ensure
specified operation. Since the AGND terminal is common to all four DACs, this method biases up the output
voltages of all the DACs in the TLC7225. Supply voltages VDD and VSS for the TLC7225 should be referenced
to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com