Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UVC5402 Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS320UVC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UVC5402 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320UVC5402 Datasheet HTML 38Page - Texas Instruments TMS320UVC5402 Datasheet HTML 39Page - Texas Instruments TMS320UVC5402 Datasheet HTML 40Page - Texas Instruments TMS320UVC5402 Datasheet HTML 41Page - Texas Instruments TMS320UVC5402 Datasheet HTML 42Page - Texas Instruments TMS320UVC5402 Datasheet HTML 43Page - Texas Instruments TMS320UVC5402 Datasheet HTML 44Page - Texas Instruments TMS320UVC5402 Datasheet HTML 45Page - Texas Instruments TMS320UVC5402 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
TMS320UVC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS100A – APRIL 1999 – REVISED AUGUST 1999
42
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
HOLD and HOLDA timings
switching characteristics over recommended operating conditions for memory control signals
and HOLDA, [H = 0.5 tc(CO)] (see Figure 17)
PARAMETER
MIN
MAX
UNIT
tdis(CLKL-A)
Disable time, address, PS, DS, IS high impedance from CLKOUT low
2
ns
tdis(CLKL-RW)
Disable time, R/W high impedance from CLKOUT low
2
ns
tdis(CLKL-S)
Disable time, MSTRB, IOSTRB high impedance from CLKOUT low
2
ns
ten(CLKL-A)
Enable time, address, PS, DS, IS from CLKOUT low
2H+10
ns
ten(CLKL-RW)
Enable time, R/W enabled from CLKOUT low
2H+10
ns
ten(CLKL-S)
Enable time, MSTRB, IOSTRB enabled from CLKOUT low
2
2H+10
ns
t
Valid time, HOLDA low after CLKOUT low
0
10
ns
tv(HOLDA)
Valid time, HOLDA high after CLKOUT low
–2
8
ns
tw(HOLDA)
Pulse duration, HOLDA low duration
2H–3
ns
timing requirements for memory control signals and HOLDA, [H = 0.5 tc(CO)] (see Figure 17)
MIN
MAX
UNIT
tw(HOLD)
Pulse duration, HOLD low
4H+10
ns
tsu(HOLD)
Setup time, HOLD low/high before CLKOUT low
15
ns
IOSTRB
MSTRB
R/W
D[15:0]
PS, DS, IS
A[19:0]
HOLDA
HOLD
CLKOUT
ten(CLKL-S)
ten(CLKL-S)
ten(CLKL-RW)
tdis(CLKL-S)
tdis(CLKL-S)
tdis(CLKL-RW)
tdis(CLKL-A)
tv(HOLDA)
tv(HOLDA)
tw(HOLDA)
tw(HOLD)
tsu(HOLD)
tsu(HOLD)
ten(CLKL-A)
Figure 17. HOLD and HOLDA Timings (HM = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com