Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UVC5402 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320UVC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UVC5402 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320UVC5402 Datasheet HTML 18Page - Texas Instruments TMS320UVC5402 Datasheet HTML 19Page - Texas Instruments TMS320UVC5402 Datasheet HTML 20Page - Texas Instruments TMS320UVC5402 Datasheet HTML 21Page - Texas Instruments TMS320UVC5402 Datasheet HTML 22Page - Texas Instruments TMS320UVC5402 Datasheet HTML 23Page - Texas Instruments TMS320UVC5402 Datasheet HTML 24Page - Texas Instruments TMS320UVC5402 Datasheet HTML 25Page - Texas Instruments TMS320UVC5402 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
TMS320UVC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS100A – APRIL 1999 – REVISED AUGUST 1999
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory-mapped registers
The ’UVC5402 has 27 memory-mapped CPU registers, which are mapped in data memory space addresses
0h to 1Fh. Table 9 gives a list of the CPU memory-mapped registers (MMRs) available on ’UVC5402. The device
also has a set of memory-mapped registers associated with peripherals. Table 10, Table 11, and Table 12 show
additional peripheral MMRs associated with the ’UVC5402.
Table 9. CPU Memory-Mapped Registers
NAME
ADDRESS
DESCRIPTION
NAME
DEC
HEX
DESCRIPTION
IMR
0
0
Interrupt mask register
IFR
1
1
Interrupt flag register
–
2–5
2–5
Reserved for testing
ST0
6
6
Status register 0
ST1
7
7
Status register 1
AL
8
8
Accumulator A low word (15–0)
AH
9
9
Accumulator A high word (31–16)
AG
10
A
Accumulator A guard bits (39–32)
BL
11
B
Accumulator B low word (15–0)
BH
12
C
Accumulator B high word (31–16)
BG
13
D
Accumulator B guard bits (39–32)
TREG
14
E
Temporary register
TRN
15
F
Transition register
AR0
16
10
Auxiliary register 0
AR1
17
11
Auxiliary register 1
AR2
18
12
Auxiliary register 2
AR3
19
13
Auxiliary register 3
AR4
20
14
Auxiliary register 4
AR5
21
15
Auxiliary register 5
AR6
22
16
Auxiliary register 6
AR7
23
17
Auxiliary register 7
SP
24
18
Stack pointer register
BK
25
19
Circular buffer size register
BRC
26
1A
Block-repeat counter
RSA
27
1B
Block-repeat start address
REA
28
1C
Block-repeat end address
PMST
29
1D
Processor mode status (PMST) register
XPC
30
1E
Extended program page register
–
31
1F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com