Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS3637P Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS3637P
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637P Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS3637P Datasheet HTML 17Page - Texas Instruments TMS3637P Datasheet HTML 18Page - Texas Instruments TMS3637P Datasheet HTML 19Page - Texas Instruments TMS3637P Datasheet HTML 20Page - Texas Instruments TMS3637P Datasheet HTML 21Page - Texas Instruments TMS3637P Datasheet HTML 22Page - Texas Instruments TMS3637P Datasheet HTML 23Page - Texas Instruments TMS3637P Datasheet HTML 24Page - Texas Instruments TMS3637P Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
5–3
8.
After a minimum valid time of tv = 10 µs, apply the high-voltage programming pulse to
permanently store the 31 code bits in EEPROM memory as shown in Figure 5–2. As stated in
steps 4 and 5, exactly 4 reset and 31 clock pulses must be applied for the device to successfully
program. The device does not transfer the code from its registers into the EEPROM if less than
or greater than 4 reset and 31 clock pulses are used before the programming pulse is applied.
15 V
OSCC
OSCR
(clock in)
VCC
IN
(data in)
OSCR
(clock)
IN
(data in)
C01
C02
C03
C04
C22
CA
CI
tw7
tw6
5 V
th1 > 1 µs
tsu4 > 1 µs
4 Reset Pulses
22 Security Bits
5.5 V
5 V
tv
9 Configuration Bits
C01– C22
CA– CI
OUT
(previous data)†
tsu3
High-Voltage
Programming Pulse
† Previous data refers to data that was previously programmed into the device. If programmed for first time, this contains
a random test code from the factory.
Figure 5–2. EEPROM Write Mode
5.3
Internal Oscillator Operation for Transmit and Receive Modes Setting
Frequency
The TMS3637 has an internal oscillator that can be used in either the transmit or receive configurations of
the device. The oscillator free-running frequency (fosc) is controlled by an external resistor and capacitor
and is determined by:
fosc = 5 / (4 × Cosc × Rosc)
(1)
where
Cosc = capacitor from OSCC to GND
Rosc = resistor from OSCR to GND
The allowable oscillation range or Rosc versus VCC, and associated fosc values, and range versus Cosc for
three given values of Rosc are given in Section 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com