Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS3637P Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS3637P
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637P Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS3637P Datasheet HTML 24Page - Texas Instruments TMS3637P Datasheet HTML 25Page - Texas Instruments TMS3637P Datasheet HTML 26Page - Texas Instruments TMS3637P Datasheet HTML 27Page - Texas Instruments TMS3637P Datasheet HTML 28Page - Texas Instruments TMS3637P Datasheet HTML 29Page - Texas Instruments TMS3637P Datasheet HTML 30Page - Texas Instruments TMS3637P Datasheet HTML 31Page - Texas Instruments TMS3637P Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
5–10
Table 5–5. Code-Train Modes
CD
CE
TRAIN
1
0
1
0
1
1
2 codes
4 codes
8 codes
Continuous
CC = 1
Triggered
CC = 0, CI = 1
Periodic
CC = 0, CI = 0
1 Code
CD, CE
2 Codes
CD, CE
4 Codes
CD, CE
8 Codes
CD, CE
Normal
CB = 1
Modulated
CB = 0
Transmitter
CA = 1, CF = CG = CH = 0
CD
CE
NO. OF
CODES
0
1
0
1
0
0
1
1
1
2
4
8
TRAIN CODES
Normal
CB = 1
Modulated
CB = 0
Normal
CB = 1
Modulated
CB = 0
1 Code
CD, CE
2 Codes
CD, CE
4 Codes
CD, CE
8 Codes
CD, CE
Figure 5–6. Transmitter Configurations
5.11 Receiver Configurations
As with the transmitter configurations, the TMS3637 uses the last nine bits of the 31 data bits stored in
memory to program the device for a multitude of receiver configurations (48 possible configurations). The
configuration must match the transmitter when selecting the receiver configuration (see Table 5–6 to
determine compatible transmitter and receiver combinations). The definition of which configuration bits to
set for all the possible 48 receiver configurations is discussed in Section 5.12.
In the receive mode, the TMS3637 receives the transmitted code on IN and compares the code with the code
stored in memory. When the two codes are equal, a valid transmission pulse is sent to OUT. To have reliable
reception of the transmitted code, the receiver clock frequency must be approximately seven times greater
than the clock frequency for the transmitter clock. To set any receiver configuration in the receiver mode,
always start by clearing the EEPROM bits CA = CC = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com