Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS3637P Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS3637P
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637P Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS3637P Datasheet HTML 30Page - Texas Instruments TMS3637P Datasheet HTML 31Page - Texas Instruments TMS3637P Datasheet HTML 32Page - Texas Instruments TMS3637P Datasheet HTML 33Page - Texas Instruments TMS3637P Datasheet HTML 34Page - Texas Instruments TMS3637P Datasheet HTML 35Page - Texas Instruments TMS3637P Datasheet HTML 36Page - Texas Instruments TMS3637P Datasheet HTML 37Page - Texas Instruments TMS3637P Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
6–2
The input to the internal comparator has a voltage swing of approximately 1.4 V peak-to-peak (13
× 108 mV).
OUT on the receiver maintains the same status for approximately 0.5 s (1M
× 470 nF).
Table 6–1. Two-Wire Direct Connection
DEVICE
FUNCTION
U1
TMS3637 configured as a normal continuous logic transmitter
U2
TMS3637 configured as a analog normal Q-state noninverting receiver
R1
Pullup resistor on OUT, an open drain
R2
Resistor on OSCR that, in conjunction with C1, determines the internal oscillator frequency of U1.
R3
Resistor that provides current limiting and isolation between VCC and transmitter OUT swing.
R4
Upper portion of voltage divider used to bias receiver output
R5
Lower portion of voltage divider used to bias receiver output
R6
Resistor that is part of RC low-pass network on front end of U2 receiver
R7
Resistor on TIME that, along with C5, determines OUT pulse duration on U2.
R8
Resistor on OSCR that, in conjunction with C7, determines internal oscillator frequency on U2.
R9
Current-limiting resistor for LED indicator
C1
Capacitor on OSCC that, in conjunction with R2, determines internal oscillator frequency of U1.
C2
AC-coupling capacitor for output logic pulses from U1
C3
Power-supply bypass capacitor
C4
Capacitor that is part of RC low-pass network used on front-end of U2 receiver.
C5
Capacitor on TIME that, in conjunction with R7, determines OUT pulse duration on U2.
C6
Capacitor that sets gain of internal receive amplifier in U2.
C7
Capacitor on OSCC that, in conjunction with R8, determines internal oscillator frequency of U2.
D1
LED for indication of Q-state output toggling on and off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com