Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2I99447 Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # PCS2I99447
Description  3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I99447 Datasheet(HTML) 5 Page - PulseCore Semiconductor

  PCS2I99447 Datasheet HTML 1Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 2Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 3Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 4Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 5Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 6Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 7Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 8Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
September 2006
PCS2I99447
rev 0.4
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
5 of 14
Notice: The information in this document is subject to change without notice.
Table 7. DC Characteristics (V
CC = 2.5V ± 5%, TA = -40°C to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
-0.3
0.7
V
LVCMOS
VOH
Output High Voltage
1.8
V
IOH =-15 mA
1
VOL
Output Low Voltage
0.6
V
IOL = 15 mA
ZOUT
Output Impedance
19
Ω
IIN
Input Current
2
±300
mA
VIN = VCC or GND
ICCQ
Maximum Quiescent Supply Current
3
2.0
mA
All VCC Pins
Note: 1.The PCS2I99447 is capable of driving 50Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated transmission line to
a termination voltage of VTT. Alternatively, the device drives one 50Ω series terminated transmission lines per output (VCC=2.5V).
2. Inputs have pull-down or pull-up resistors affecting the input current.
3. ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open.
Table 8. AC Characteristics (V
CC = 2.5V ± 5%, TA = -40°C to +85°C)
1
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
350
MHz
fmax
Output frequency
0
350
MHz
fP,REF
Reference Input Pulse Width
1.4
nS
tr, tf
CCLK0, CCLK1 Input Rise/Fall Time
1.0
2
nS
0.7 to 1.7V
tPLH/HL
Propagation Delay
CCLK0 or CCLK1 to any Q
1.7
4.4
nS
tPLZ, HZ
Output Disable Time
11
nS
tPZL, ZH
Output Enable Time
11
nS
tS
Setup Time
CCLK0 or CCLK1 to CLK_STOP
3
0.0
nS
tH
Hold Time
CCLK0 or CCLK1 to CLK_STOP
3
1.0
nS
tsk(O)
Output-to-Output Skew
150
pS
tsk(PP)
Device-to-Device Skew
2.7
nS
tSK(P)
DCQ
Output Pulse Skew
4
Output Duty Cycle
fQ<350 MHz
45
50
200
55
pS
%
DCREF=50%
tr, tf
Output Rise/Fall Time
0.1
1.0
nS
0.6 to 1.8V
tJIT(CC)
Cycle-to-cycle jitter
RMS (1
σ)
TBD
pS
Note: 1. AC characteristics apply for parallel output termination of 50Ω to VTT.
2. Violation of the 1.0 nS maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input pulse
width, output duty cycle and maximum frequency specifications.
3. Setup and hold times are referenced to the falling edge of the selected clock signal input.
4. Output pulse skew is the absolute difference of the propagation delay times: | tPLH - tPHL |.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com