Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2I99447 Datasheet(PDF) 8 Page - PulseCore Semiconductor

Part # PCS2I99447
Description  3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I99447 Datasheet(HTML) 8 Page - PulseCore Semiconductor

Back Button PCS2I99447 Datasheet HTML 4Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 5Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 6Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 7Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 8Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 9Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 10Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 11Page - PulseCore Semiconductor PCS2I99447 Datasheet HTML 12Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
September 2006
PCS2I99447
rev 0.4
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
8 of 14
Notice: The information in this document is subject to change without notice.
CCLK
QX
VCC
VCC ÷2
GND
tP(LH)
tP(HL)
VCC
VCC ÷2
GND
Figure 6. Propagation Delay (tPD) Test Reference
tSK(LH)
tSK(HL)
VCC
VCC ÷2
GND
VCC
VCC ÷2
GND
The pin-to-pin skew is defined as the worst case
difference in propagation between any similar delay path
within a single device
Figure 7. Output–to–Output Skew tSK(LH, HL)
CCLK
QX
VCC
VCC ÷2
GND
tP(LH)
tP(HL)
VCC
VCC ÷2
GND
tSK(P) =| tPHL - tPHL |
Figure 8. Output Pulse Skew (tSK(P) Test
VCC
VCC ÷2
GND
DC (tP ÷T0 Χ 100%)
tP
T0
The time from the output controlled edge to the
non-controlled edge, divided by the time output
controlled edge, expressed as a percentage.
Figure 9. Output Duty Cycle (DC)
tR
VCC = 3.3V VCC = 2.5V
2.4
1.8V
0.5
0.6V
tF
Figure 10. Output Transition Time Test Reference
TN
TN + 1
TJIT(CC) = |TN -TN + 1|
The variation in cycle time of a single between adjacent
cycles, over a random sample of adjacent cycle pairs
Figure 11. Cycle–to–Cycle Jitter Reference
CCLK
PCLK
VCC
VCC ÷2
GND
tS
VCC
VCC ÷2
GND
tH
CLK_STOP
Figure 12. Setup and Hold Time (tS, tH) Test Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com