Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2202DF Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2202DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202DF Datasheet(HTML) 5 Page - Texas Instruments

  TPS2202DF Datasheet HTML 1Page - Texas Instruments TPS2202DF Datasheet HTML 2Page - Texas Instruments TPS2202DF Datasheet HTML 3Page - Texas Instruments TPS2202DF Datasheet HTML 4Page - Texas Instruments TPS2202DF Datasheet HTML 5Page - Texas Instruments TPS2202DF Datasheet HTML 6Page - Texas Instruments TPS2202DF Datasheet HTML 7Page - Texas Instruments TPS2202DF Datasheet HTML 8Page - Texas Instruments TPS2202DF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TPS2202, TPS2202Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS103A – DECEMBER 1994 – REVISED AUGUST 1995
6–5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C, VDD = 5 V (unless otherwise noted)
dc characteristics
PARAMETER
TEST CONDITIONS
TPS2202
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
†
5 V to xVCC
160
m
Ω
†
3 V to xVCC
225
m
Ω
Switch resistances†
5 V to xVPP
6
3 V to xVPP
6
Ω
12 V to xVPP
1
Clamp low voltage
Ipp at 10 mA
0.8
V
Clamp low voltage
ICC at 10 mA
0.8
V
I
High impedance state
TA = 25°C
1
10
Leakage current
Ipp High-impedance state
TA = 85°C
50
µA
Leakage current
ICC High impedance state
TA = 25°C
1
10
µA
ICC High-impedance state
TA = 85°C
50
Input current
IDD
VO(AVCC) = VO(BVCC) = 5 V,
VO(AVPP) = VO(BVPP) = 12 V
83
150
µA
Input current
IDD in shutdown
VO(BVCC) = VO(AVCC) = VO(AVPP)
= VO(BVPP) = high Z
1
µA
Power-ready threshold, PWR_GOOD
10.72
11.05
11.4
V
Power-ready hysteresis, PWR_GOOD (12-V mode)
50
mV
Short circuit output current limit
IO(xVCC)
TJ = 85°C,
0.75
1.3
1.9
A
Short-circuit output-current limit
IO(xVPP)
J
,
Output powered up into a short to GND
120
200
400
mA
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
switching characteristics‡
PARAMETER
TEST CONDITIONS
TPS2202
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Output rise time
VO(xVCC)
1.2
ms
tr
Output rise time
VO(xVPP)
5
ms
tf
Output fall time
VO(xVCC)
10
ms
tf
Output fall time
VO(xVPP)
14
ms
§
LATCH
↑ to VO(
)
ton
5.8
ms
§
LATCH
↑ to VO(xVPP)
toff
18
ms
t d
Propagation delay (see Figure 1§)
LATCH
↑ to xVCC (3 V)
ton
5.8
ms
tpd
Propagation delay (see Figure 1§)
LATCH
↑ to xVCC (3 V)
toff
28
ms
LATCH
↑ to xVCC (5 V)
ton
4
ms
LATCH
↑ to xVCC (5 V)
toff
30
ms
‡ Refer to Parameter Measurement Information
§ Propagation delays are with CL = 100 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com