Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2202DF Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS2202DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202DF Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2202DF Datasheet HTML 8Page - Texas Instruments TPS2202DF Datasheet HTML 9Page - Texas Instruments TPS2202DF Datasheet HTML 10Page - Texas Instruments TPS2202DF Datasheet HTML 11Page - Texas Instruments TPS2202DF Datasheet HTML 12Page - Texas Instruments TPS2202DF Datasheet HTML 13Page - Texas Instruments TPS2202DF Datasheet HTML 14Page - Texas Instruments TPS2202DF Datasheet HTML 15Page - Texas Instruments TPS2202DF Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TPS2202, TPS2202Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS103A – DECEMBER 1994 – REVISED AUGUST 1995
6–12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
200
100
0
400
300
3-V SWITCH
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
– 50
0
125
TJ – Junction Temperature – °C
120
100
80
160
140
5-V SWITCH
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
VDD = 5 V
VCC = 3.3 V
– 25
25
50
75
100
– 50
0
125
– 25
25
50
75
100
240
220
250
150
50
350
VDD = 5 V
VCC = 5 V
200
180
Figure 16
Figure 17
1100
900
700
500
1300
1500
1700
– 50
50
125
12-V SWITCH
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
5
4.99
4.85
4.8
4.75
4.9
0
0.1
0.2
0.3
0.4
0.5
5.05
5-V SWITCH
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
0.6
0.7
IO(xVCC) – Output Current – A
–40
°C
– 25
0
25
75
100
VDD = 5 V
Vpp = 12 V
25
°C
85
°C
125
°C
VDD = 5 V
VCC = 5 V
Figure 18
Figure 19
† t = pulse tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com