Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2202DF Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2202DF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202DF Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2202DF Datasheet HTML 2Page - Texas Instruments TPS2202DF Datasheet HTML 3Page - Texas Instruments TPS2202DF Datasheet HTML 4Page - Texas Instruments TPS2202DF Datasheet HTML 5Page - Texas Instruments TPS2202DF Datasheet HTML 6Page - Texas Instruments TPS2202DF Datasheet HTML 7Page - Texas Instruments TPS2202DF Datasheet HTML 8Page - Texas Instruments TPS2202DF Datasheet HTML 9Page - Texas Instruments TPS2202DF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TPS2202, TPS2202Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS103A – DECEMBER 1994 – REVISED AUGUST 1995
6–6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C, VDD = 5 V (unless otherwise noted) (continued)
logic section
PARAMETER
TEST CONDITIONS
TPS2202
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Logic input current
1
µA
Logic input high level
2.7
V
Logic input low level
0.8
V
Logic output high level
IO =1mA
VDD – 0.4
V
Logic output low level
IO = 1 mA
0.4
V
dc characteristics
PARAMETER
TEST CONDITIONS
TPS2202Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Leakage current
Ipp High-impedance state
1
µA
Leakage current
ICC High-impedance state
1
µA
Input current
IDD
VO(AVCC) = VO(BVCC) = 5 V,
VO(AVPP) = VO(BVPP) = 12 V
83
µA
Power-ready threshold, PWR_GOOD
11.05
V
Power-ready hysteresis, PWR_GOOD (12-V mode)
50
mV
switching characteristics†
PARAMETER
TEST CONDITIONS
TPS2202Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Output rise time
VO(xVCC)
1.2
ms
tr
Output rise time
VO(xVPP)
5
ms
tf
Output fall time
VO(xVCC)
10
ms
tf
Output fall time
VO(xVPP)
14
ms
‡
LATCH
↑ to VO(
)
ton
5.8
ms
‡
LATCH
↑ to VO(xVPP)
toff
18
ms
t d
Propagation delay (see Figure 1‡)
LATCH
↑ to xVCC
ton
5.8
ms
tpd
Propagation delay (see Figure 1‡)
LATCH
↑ to xVCC
toff
28
ms
LATCH
↑ to xVCC
ton
4
ms
LATCH
↑ to xVCC
toff
30
ms
† Refer to Parameter Measurement Information
‡ Propagation delays are with CL = 100 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com