Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1795DBR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DBR
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DBR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1795DBR Datasheet HTML 9Page - Texas Instruments PCM1795DBR Datasheet HTML 10Page - Texas Instruments PCM1795DBR Datasheet HTML 11Page - Texas Instruments PCM1795DBR Datasheet HTML 12Page - Texas Instruments PCM1795DBR Datasheet HTML 13Page - Texas Instruments PCM1795DBR Datasheet HTML 14Page - Texas Instruments PCM1795DBR Datasheet HTML 15Page - Texas Instruments PCM1795DBR Datasheet HTML 16Page - Texas Instruments PCM1795DBR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
TYPICAL CHARACTERISTICS: ANALOG DYNAMIC PERFORMANCE
Temperature Characteristics
0.01
0.001
0.0001
Free-AirTemperature( C)
°
-50
0
100
-25
25
50
75
f =48kHz
S
f =192kHz
S
f =96kHz
S
126
124
122
120
118
116
Free-AirTemperature( C)
°
-50
0
100
-25
25
50
75
f =48kHz
S
f =192kHz
S
f =96kHz
S
126
124
122
120
118
116
Free-AirTemperature( C)
°
-50
0
100
-25
25
50
75
f =48kHz
S
f =192kHz
S
f =96kHz
S
122
120
118
116
114
112
Free-AirTemperature( C)
°
-50
0
100
-25
25
50
75
f =48kHz
S
f =192kHz
S
f =96kHz
S
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
Frequency(kHz)
0
4
20
2
6
-60-dBOutputSpectrum
BW=20kHz
PCMMode
f =48kHz
32768Point8Average
T =+25 C
V
=3.3V
V
=5V
S
A
DD
CC
°
8
10
12
14
16
18
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
Frequency(kHz)
0
20
100
10
30
-60-dBOutputSpectrum
BW=100kHz
PCMMode
f =96kHz
32768Point8Average
T =+25 C
V
=3.3V
V
=5V
S
A
DD
CC
°
40
50
60
70
80
90
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
PCM mode, VDD = 3.3 V, and VCC = 5 V; measured with circuit shown in Figure 52, unless otherwise noted.
THD+N vs FREE-AIR TEMPERATURE
DYNAMIC RANGE vs FREE-AIR TEMPERATURE
Figure 16.
Figure 17.
SNR vs FREE-AIR TEMPERATURE
CHANNEL SEPARATION vs FREE-AIR TEMPERATURE
Figure 18.
Figure 19.
AMPLITUDE vs FREQUENCY
AMPLITUDE vs FREQUENCY
(Measurement Circuit: Figure 52)
(Measurement Circuit: Figure 52)
Figure 20.
Figure 21.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com