Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1795DBR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DBR
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DBR Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1795DBR Datasheet HTML 15Page - Texas Instruments PCM1795DBR Datasheet HTML 16Page - Texas Instruments PCM1795DBR Datasheet HTML 17Page - Texas Instruments PCM1795DBR Datasheet HTML 18Page - Texas Instruments PCM1795DBR Datasheet HTML 19Page - Texas Instruments PCM1795DBR Datasheet HTML 20Page - Texas Instruments PCM1795DBR Datasheet HTML 21Page - Texas Instruments PCM1795DBR Datasheet HTML 22Page - Texas Instruments PCM1795DBR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
AUDIO DATA INTERFACE
Audio Serial Interface
PCM Audio Data Formats and Timing
DATA
t
(BCH)
1.4V
BCK
LRCK
t
(BCL)
t
(LB)
t
(BCY)
t
(DS)
t
(DH)
1.4V
1.4V
t
(BL)
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
The audio interface port is a three-wire serial port. It includes LRCK (pin 4), BCK (pin 6), and DATA (pin 5). BCK
is the serial audio bit clock, and it is used to clock the serial data present on DATA into the serial shift register of
the audio interface. Serial data are clocked into the PCM1795 on the rising edge of BCK. LRCK is the serial
audio left/right word clock.
The PCM1795 requires the synchronization of LRCK and the system clock, but does not need a specific phase
relation between LRCK and the system clock.
If the relationship between LRCK and the system clock changes more than ±6 BCK, internal operation is
initialized within 1/fS and analog outputs are forced to the bipolar zero level until resynchronization between
LRCK and the system clock is completed.
The PCM1795 supports industry-standard audio data formats, including standard right-justified, I2S, and
left-justified. The data formats are illustrated in Figure 38 to Figure 40. Data formats are selected using the
format bits, FMT[2:0], in control register 18. The default data format is 32-bit I2S. All formats require binary twos
complement, MSB-first audio data. Figure 37 and Table 5 show a detailed timing diagram for the serial audio
interface.
Figure 37. Audio Interface Timing
Table 5. Timing Characteristics for Figure 37
PARAMETER
MIN
MAX
UNIT
t(BCY)
BCK pulse cycle time
70
ns
t(BCL)
BCK pulse duration, low
30
ns
t(BCH)
BCK pulse duration, high
30
ns
t(BL)
BCK rising edge to LRCK edge
10
ns
t(LB)
LRCK edge to BCK rising edge
10
ns
t(DS)
DATA setup time
10
ns
t(DH)
DATA hold time
10
ns
—
LRCK clock data
50% ± 2 bit clocks
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com