Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1795DBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DBR
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DBR Datasheet(HTML) 2 Page - Texas Instruments

  PCM1795DBR Datasheet HTML 1Page - Texas Instruments PCM1795DBR Datasheet HTML 2Page - Texas Instruments PCM1795DBR Datasheet HTML 3Page - Texas Instruments PCM1795DBR Datasheet HTML 4Page - Texas Instruments PCM1795DBR Datasheet HTML 5Page - Texas Instruments PCM1795DBR Datasheet HTML 6Page - Texas Instruments PCM1795DBR Datasheet HTML 7Page - Texas Instruments PCM1795DBR Datasheet HTML 8Page - Texas Instruments PCM1795DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
PCM1795DB
Tube
PCM1795
SSOP-28
DB
–25°C to +85°C
PCM1795
PCM1795DBR
Tape and Reel
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
VCC1, VCC2L, VCC2R
–0.3 to +6.5
V
Supply voltage
VDD
–0.3 to +4
V
Supply voltage differences
VCC1, VCC2L, VCC2R
±0.1
V
Ground voltage differences
AGND1, AGND2, AGND3L, AGND3R, DGND
±0.1
V
LRCK, DATA, BCK, SCK, MSEL, RST, MS(2), MDI, MC,
–0.3 to +6.5
V
MDO(2), ZEROL(2), ZEROR(2)
Digital input voltage
ZEROL(3), ZEROR(3), MDO(3), MS(3)
–0.3 to (VDD + 0.3) < 4
V
Analog input voltage
–0.3 to (VCC + 0.3) < 6.5
V
Input current (any pins except supplies)
±10
mA
Ambient temperature under bias
–40 to +125
°C
Storage temperature
–55 to +150
°C
Junction temperature
+150
°C
Package temperature (IR reflow, peak)
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input mode or I2C mode.
(3)
Output mode except for I2C mode.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com