Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1102ERGET Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1102ERGET
Description  11.3-Gbps Dual-Channel Cable and PC Board Equalizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1102ERGET Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK1102ERGET Datasheet HTML 9Page - Texas Instruments TLK1102ERGET Datasheet HTML 10Page - Texas Instruments TLK1102ERGET Datasheet HTML 11Page - Texas Instruments TLK1102ERGET Datasheet HTML 12Page - Texas Instruments TLK1102ERGET Datasheet HTML 13Page - Texas Instruments TLK1102ERGET Datasheet HTML 14Page - Texas Instruments TLK1102ERGET Datasheet HTML 15Page - Texas Instruments TLK1102ERGET Datasheet HTML 16Page - Texas Instruments TLK1102ERGET Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TLK1102E
www.ti.com ................................................................................................................................................................................................... SLLS958 – MARCH 2009
Table 13. Register 0x09 – Channel B LOS Settings
REGISTER ADDRESS 0x09
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FAST
LOSLVL6
LOSLVL5
LOSLVL4
LOSLVL3
LOSLVL2
LOSLVL1
LOSLVL0
Table 14. Register 0x0A – Reserved
REGISTER ADDRESS 0x0A
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 15. Register 0x0B – Reserved
REGISTER ADDRESS 0x0B
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 16. Register 0x0C – Reserved
REGISTER ADDRESS 0x0C
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 17. Register 0x0D – Reserved
REGISTER ADDRESS 0x0D
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 18. Register 0x0E – Device Status
REGISTER ADDRESS 0x0E
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
LOS_CHB
LOS_CHA
Table 19. Register 0x0F – Reserved
REGISTER ADDRESS 0x0F
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLK1102E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com