Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1102ERGET Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1102ERGET
Description  11.3-Gbps Dual-Channel Cable and PC Board Equalizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1102ERGET Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLK1102ERGET Datasheet HTML 17Page - Texas Instruments TLK1102ERGET Datasheet HTML 18Page - Texas Instruments TLK1102ERGET Datasheet HTML 19Page - Texas Instruments TLK1102ERGET Datasheet HTML 20Page - Texas Instruments TLK1102ERGET Datasheet HTML 21Page - Texas Instruments TLK1102ERGET Datasheet HTML 22Page - Texas Instruments TLK1102ERGET Datasheet HTML 23Page - Texas Instruments TLK1102ERGET Datasheet HTML 24Page - Texas Instruments TLK1102ERGET Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DIFFERENTIAL EQUALIZER INPUT SIGNAL (TOP) AND OUTPUT SIGNAL (BOTTOM) AT
t – Time – 500ps/div
t – Time – 40ps/div
t – Time – 500ps/div
t – Time – 40ps/div
t – Time – 40ps/div
t – Time – 500ps/div
InputInterconnect:15meters24AWGTwinaxialCable
InputInterconnect:15meters24AWGTwinaxialCable
InputInterconnect:10meters28AWGTwinaxialCable
InputInterconnect:10meters28AWGTwinaxialCable
InputInterconnect:40inchesBackplaneLink
InputInterconnect:40inchesBackplaneLink
TLK1102E
www.ti.com ................................................................................................................................................................................................... SLLS958 – MARCH 2009
TYPICAL CHARACTERISTICS (continued)
11.3Gbps USING A K28.5 PATTERN
Figure 7. Equalizer Input and Output Signals with Different Interconnect Lines at 11.3Gbps
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TLK1102E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com