Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1102ERGET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1102ERGET
Description  11.3-Gbps Dual-Channel Cable and PC Board Equalizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1102ERGET Datasheet(HTML) 2 Page - Texas Instruments

  TLK1102ERGET Datasheet HTML 1Page - Texas Instruments TLK1102ERGET Datasheet HTML 2Page - Texas Instruments TLK1102ERGET Datasheet HTML 3Page - Texas Instruments TLK1102ERGET Datasheet HTML 4Page - Texas Instruments TLK1102ERGET Datasheet HTML 5Page - Texas Instruments TLK1102ERGET Datasheet HTML 6Page - Texas Instruments TLK1102ERGET Datasheet HTML 7Page - Texas Instruments TLK1102ERGET Datasheet HTML 8Page - Texas Instruments TLK1102ERGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
DESCRIPTION (CONTINUED)
TLK1102E
SLLS958 – MARCH 2009 ................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Alternatively, the TLK1102E can be configured using its configuration pins in two modes selectable using the
MODE pin. In Pin Control Mode 1 (see Figure 2b), a common setting can be set for the two channels for the
output de-emphasis level and the interconnect length using the DE pin and LN0, LN1 pins respectively. In Pin
Control Mode 2 (see Figure 2c), those parameters can be set individually for the two channels using DEA, DEB,
LNA, and LNB pins. In both modes only a common setting is available for the output voltage swing using the
SWG pin. For Pin Control Mode 2 the typical LOS assert and de-assert voltage levels are fixed at 90mVp-p and
150mVp-p respectively with 4.0dB hysteresis.
The outputs can be disabled using the DISA and DISB pins. The DISA/DISB pins and the LOSA/LOSB pins can
be connected together to implement an external output squelch function. The TLK1102E implements an internal
output squelch function that can be enabled using the two-wire serial interface. In addition, a special fast
auto-squelch function can be selected through the two-wire serial interface when needed to support SAS and
SATA out-of-band (OOB) signals.
The POLA and POLB pins can be used to reverse the polarity of the OUTA+/OUTA- and OUTB+/OUTB– pins
respectively.
The high input signal dynamic range ensures low jitter output signals even when overdriven with input signal
swings as high as 1600mVp-p differential. The low-frequency cut-off is low enough to support low-frequency
control signals such as SAS and SATA OOB signals. The loss-of-signal detection and output disable functions
are carefully designed to meet SAS/SATA OOB signal timing constraints.
Table 1. Equalization Level Settings
TWO-WIRE SERIAL I/F MODE
PIN MODE 1
PIN MODE 2
CABLE LENGTH (meters)
(registers 3 and 6)
(1.8dB/m loss at 5 GHz)
LN1
LN0
LNA / LNB
EQ3
EQ2
EQ1
EQ0
0 – 2
GND
GND
GND
1
1
1
1
2 – 6
GND
VCC
GND
0
1
1
1
6 – 11
VCC
GND
1.8 M
Ω to GND
0
1
0
1
11 – 15
VCC
VCC
VCC
0
0
0
0
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLK1102E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com