| Electronic Components Datasheet Search |
|
LPC2921 Datasheet(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 Datasheet(HTML) 23 Page - NXP Semiconductors |
|
23 / 83 page ![]() LPC2921_23_25_1 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 01 — 15 June 2009 23 of 83 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN, LIN, and USB 6.11.4.1 Pin description The event router module in the LPC2921/2923/2925 is connected to the pins listed below. The pins are combined with other functions on the port pins of the LPC2921/2923/2925. Table 12 shows the pins connected to the event router. 6.12 Peripheral subsystem 6.12.1 Peripheral subsystem clock description The peripheral subsystem is clocked by a number of different clocks: • CLK_SYS_PESS • CLK_UART0/1 • CLK_SPI0/1/2 • CLK_TMR0/1/2/3 • CLK_SAFE see Section 6.7.2 6.12.2 Watchdog timer The purpose of the watchdog timer is to reset the ARM9 processor within a reasonable amount of time if the processor enters an error state. The watchdog generates a system reset if the user program fails to trigger it correctly within a predetermined amount of time. Key features: • Internal chip reset if not periodically triggered • Timer counter register runs on always-on safe clock • Optional interrupt generation on watchdog time-out • Debug mode with disabling of reset Table 12. Event-router pin connections Symbol Direction Description Default polarity EXTINT 0 - 3 I external interrupt inputs 0 - 3 1 CAN0 RXD I CAN0 receive data input wake-up 0 CAN1 RXD I CAN1 receive data input wake-up 0 I2C0_SCL I I2C0 SCL clock input 0 I2C1_SCL I I2C1 SCL clock input 0 LIN0 RXD I LIN0 receive data input wake-up 0 LIN1 RXD I LIN1 receive data input wake-up 0 SPI0 SDI I SPI0 receive data input 0 SPI1 SDI I SPI1 receive data input 0 SPI2 SDI I SPI2 receive data input 0 UART0 RXD I UART0 receive data input 0 UART1 RXD I UART1 receive data input 0 - n/a CAN interrupt (internal) 1 - n/a VIC FIQ (internal) 1 - n/a VIC IRQ (internal) 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |