| Electronic Components Datasheet Search |
|
LPC2921 Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 83 page ![]() LPC2921_23_25_1 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 01 — 15 June 2009 25 of 83 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN, LIN, and USB – Set HIGH on match. – Toggle on match. – Do nothing on match. • Pause input pin (MSCSS timers only). The timers are designed to count cycles of the clock and optionally generate interrupts or perform other actions at specified timer values, based on four match registers. They also include capture inputs to trap the timer value when an input signal changes state, optionally generating an interrupt. The core function of the timers consists of a 32 bit prescale counter triggering the 32 bit timer counter. Both counters run on clock CLK_TMRx (x runs from 0 to 3) and all time references are related to the period of this clock. Note that each timer has its individual clock source within the Peripheral SubSystem. In the Modulation and Sampling SubSystem each timer also has its own individual clock source. See Section 6.15.5 for information on generation of these clocks. 6.12.3.1 Pin description The four timers in the peripheral subsystem of the LPC2921/2923/2925 have the pins described below. The two timers in the modulation and sampling subsystem have no external pins except for the pause pin on MSCSS timer 1. See Section 6.14.6 for a description of these timers and their associated pins. The timer pins are combined with other functions on the port pins of the LPC2921/2923/2925, see Section 6.11.3. Table Table 13 shows the timer pins (x runs from 0 to 3). [1] Note that CAP1[0] and CAP1[1] are not pinned out on Timer1. 6.12.3.2 Clock description The timer modules are clocked by two different clocks; CLK_SYS_PESS and CLK_TMRx (x = 0 to 3), see Section 6.7.2. Note that each timer has its own CLK_TMRx branch clock for power management. The frequency of all these clocks is identical as they are derived from the same base clock BASE_CLK_TMR. The register interface towards the system bus is clocked by CLK_SYS_PESS. The timer and prescale counters are clocked by CLK_TMRx. 6.12.4 UARTs The LPC2921/2923/2925 contains two identical UARTs located at different peripheral base addresses. The key features are: • 16-byte receive and transmit FIFOs. Table 13. Timer pins Symbol Pin name Direction Description TIMERx CAP[0] CAPx[0] IN TIMERx capture input 0[1] TIMERx CAP[1] CAPx[1] IN TIMERx capture input 1[1] TIMERx CAP[2] CAPx[2] IN TIMERx capture input 2 TIMERx CAP[3] CAPx[3] IN TIMERx capture input 3 TIMERx MAT[0] MATx[0] OUT TIMERx match output 0 TIMERx MAT[1] MATx[1] OUT TIMERx match output 1 TIMERx MAT[2] MATx[2] OUT TIMERx match output 2 TIMERx MAT[3] MATx[3] OUT TIMERx match output 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |