| Electronic Components Datasheet Search |
|
LPC2923 Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2923 Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 83 page ![]() LPC2921_23_25_1 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 01 — 15 June 2009 21 of 83 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN, LIN, and USB The USB device controller has the following features: • Fully compliant with USB 2.0 specification (full speed). • Supports 32 physical (16 logical) endpoints with a 2 kB endpoint buffer RAM. • Supports Control, Bulk, Interrupt and Isochronous endpoints. • Scalable realization of endpoints at run time. • Endpoint Maximum packet size selection (up to USB maximum specification) by software at run time. • Supports SoftConnect and GoodLink features. • While USB is in the Suspend mode, the LPC2921/2923/2925 can enter the reduced power mode and wake up on USB activity. • Supports DMA transfers with the on-chip SRAM blocks on all non-control endpoints. • Allows dynamic switching between CPU-controlled slave and DMA modes. • Double buffer implementation for Bulk and Isochronous endpoints. 6.10.2 Pin description 6.10.3 Clock description Access to the USB registers is clocked by the CLK_SYS_USB, derived from BASE_SYS_CLK, see Section 6.7.2. The CGU1 provides an independent base clock to the USB block, BASE_USB_CLK (see Section 6.15.3). Table 11. USB device port pins Pin name Direction Description USB_VBUS I USB_VBUS status input. When this function is not enabled via its corresponding PINSEL register, it is driven HIGH internally. USB_D+ I/O positive differential data USB_D − I/O negative differential data USB_CONNECT O SoftConnect control signal USB_UP_LED O GoodLink LED control signal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |