Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2923 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2923
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2923 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2923 Datasheet HTML 4Page - NXP Semiconductors LPC2923 Datasheet HTML 5Page - NXP Semiconductors LPC2923 Datasheet HTML 6Page - NXP Semiconductors LPC2923 Datasheet HTML 7Page - NXP Semiconductors LPC2923 Datasheet HTML 8Page - NXP Semiconductors LPC2923 Datasheet HTML 9Page - NXP Semiconductors LPC2923 Datasheet HTML 10Page - NXP Semiconductors LPC2923 Datasheet HTML 11Page - NXP Semiconductors LPC2923 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
8 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
VDDA(ADC3V3)
74
3.3 V power supply for ADC
JTAGSEL
75[1]
TAP controller select input; LOW-level selects the ARM debug mode; HIGH-level selects
boundary scan; pulled up internally.
n.c.
76
not connected to a function; must be tied to 3.3 V power supply for ADC VDDA(ADC3V3).
VREFP
77[3]
HIGH reference for ADC
VREFN
78[3]
LOW reference for ADC
P0[8]/IN1[0]
79[4]
GPIO 0, pin 8
ADC1 IN0
-
-
P0[9]/IN1[1]
80[4]
GPIO 0, pin 9
ADC1 IN1
-
-
P0[10]/IN1[2]/
PMAT1[0]
81[4]
GPIO 0, pin 10
ADC1 IN2
PWM1 MAT0
-
P0[11]/IN1[3]/
PMAT1[1]
82[4]
GPIO 0, pin 11
ADC1 IN3
PWM1 MAT1
-
VSS(IO)
83
ground for I/O
P0[12]/IN1[4]/
PMAT1[2]
84[4]
GPIO 0, pin 12
ADC1 IN4
PWM1 MAT2
-
P0[13]/IN1[5]/
PMAT1[3]
85[4]
GPIO 0, pin 13
ADC1 IN5
PWM1 MAT3
-
P0[14]/IN1[6]/
PMAT1[4]
86[4]
GPIO 0, pin 14
ADC1 IN6
PWM1 MAT4
-
P0[15]/IN1[7]/
PMAT1[5]
87[4]
GPIO 0, pin 15
ADC1 IN7
PWM1 MAT5
-
P0[16]IN2[0]/TXD0
88[4]
GPIO 0, pin 16
ADC2 IN0
UART0 TXD
-
P0[17]/IN2[1]/
RXD0/A23
89[4]
GPIO 0, pin 17
ADC2 IN1
UART0 RXD
-
VDD(CORE)
90
1.8 V power supply for digital core
VSS(CORE)
91
ground for digital core
VDD(IO)
92
3.3 V power supply for I/O
P0[18]/IN2[2]/
PMAT2[0]
93[4]
GPIO 0, pin 18
ADC2 IN2
PWM2 MAT0
-
P0[19]/IN2[3]/
PMAT2[1]
94[4]
GPIO 0, pin 19
ADC2 IN3
PWM2 MAT1
-
P0[20]/IN2[4]/
PMAT2[2]
95[4]
GPIO 0, pin 20
ADC2 IN4
PWM2 MAT2
-
P0[21]/IN2[5]/
PMAT2[3]
96[4]
GPIO 0, pin 21
ADC2 IN5
PWM2 MAT3
-
P0[22]/IN2[6]/
PMAT2[4]/A18
97[4]
GPIO 0, pin 22
ADC2 IN6
PWM2 MAT4
-
VSS(IO)
98
ground for I/O
Table 3.
LQFP100 pin assignment …continued
Pin name
Pin
Description
Function 0 (default)
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com