Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2923 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC2923
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2923 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC2923 Datasheet HTML 35Page - NXP Semiconductors LPC2923 Datasheet HTML 36Page - NXP Semiconductors LPC2923 Datasheet HTML 37Page - NXP Semiconductors LPC2923 Datasheet HTML 38Page - NXP Semiconductors LPC2923 Datasheet HTML 39Page - NXP Semiconductors LPC2923 Datasheet HTML 40Page - NXP Semiconductors LPC2923 Datasheet HTML 41Page - NXP Semiconductors LPC2923 Datasheet HTML 42Page - NXP Semiconductors LPC2923 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
39 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
6.14.6.1
Pin description
MSCSS timer 0 has no external pins.
MSCSS timer 1 has a PAUSE pin available as external pin. The PAUSE pin is combined
with other functions on the port pins of the LPC2921/2923/2925. Table 22 shows the
MSCSS timer 1 external pin.
6.14.6.2
Clock description
The Timer modules in the MSCSS are clocked by CLK_MSCSS_MTMRx (x = 0 to 1), see
Section 6.7.2. Note that each timer has its own CLK_MSCSS_MTMRx branch clock for
power management. The frequency of all these clocks is identical to CLK_MSCSS_APB
since they are derived from the same base clock BASE_MSCSS_CLK.
Note that, unlike the timer modules in the Peripheral SubSystem, the actual timer counter
registers run at the same clock as the APB system interface CLK_MSCSS_APB. This
clock is independent of the AHB system clock.
If a timer module is not used its CLK_MSCSS_MTMRx branch clock can be switched off.
6.14.7 Quadrature Encoder Interface (QEI)
A quadrature encoder, also known as a 2-channel incremental encoder, converts angular
displacement into two pulse signals. By monitoring both the number of pulses and the
relative phase of the two signals, the user can track the position, direction of rotation, and
velocity. In addition, a third channel, or index signal, can be used to reset the position
counter. The quadrature encoder interface decodes the digital pulses from a quadrature
encoder wheel to integrate position over time and determine direction of rotation. In
addition, the QEI can capture the velocity of the encoder wheel.
The QEI has the following features:
• Tracks encoder position.
• Increments/ decrements depending on direction.
• Programmable for 2x or 4x position counting.
• Velocity capture using built-in timer.
• Velocity compare function with less than interrupt.
• Uses 32-bit registers for position and velocity.
• Three position compare registers with interrupts.
• Index counter for revolution counting.
• Index compare register with interrupts.
• Can combine index and position interrupts to produce an interrupt for whole and
partial revolution displacement.
• Digital filter with programmable delays for encoder input signals.
• Can accept decoded signal inputs (clk and direction).
• Connected to APB.
Table 22.
MSCSS timer 1 pin
Symbol
Direction
Description
MSCSS PAUSE
IN
pause pin for MSCSS timer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com