Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8579T/1 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8579T/1
Description  LCD column driver for dot matrix graphic displays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8579T/1 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8579T/1 Datasheet HTML 21Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 22Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 23Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 24Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 25Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 26Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 27Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 28Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
PCF8579_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 11 May 2009
25 of 41
NXP Semiconductors
PCF8579
LCD column driver for dot matrix graphic displays
10. Static characteristics
[1]
Outputs are open; inputs at VDD or VSS; I2C-bus inactive; external clock with 50 % duty factor.
[2]
Resets all logic when VDD <VPOR.
[3]
Periodically sampled; not 100 % tested.
[4]
Resistance measured between output terminal (C0 to C39) and bias input (V3, V4, VDD and VLCD) when the specified current flows
through one output under the following conditions (see Table 4):
a) Voper =VDD − VLCD =9V.
b) V3 − VLCD ≥ 4.70 V; V4 − VLCD ≤ 4.30 V; Iload = 100 µA.
Table 14.
Static characteristics
VDD = 2.5 V to 6 V; VSS =0V; VLCD =VDD − 3.5 V to VDD − 9V;Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
2.5
-
6.0
V
VLCD
LCD supply voltage
VDD − 9-
VDD − 3.5
V
IDD
supply current
fclk = 2 kHz
[1]
-9
20
µA
VPOR
power-on reset voltage
[2]
-
1.3
1.8
V
Logic
VIL
LOW-level input voltage
VSS
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-VDD
V
IL
leakage current
at pins SDA, SCL,
SYNC, CLK, TEST
and SA0, A0 to A3;
Vi =VDD or VSS
−1
-
+1
mA
IOL
LOW-level output current
at pin SDA;
VOL = 0.4 V;
VDD =5V
3
--mA
Ci
input capacitance
at pin SCL and SDA
[3]
--5
pF
LCD outputs
IL
leakage current
at pins V3 and V4;
Vi =VDD or VLCD
−2-
+2
µA
Voffset(DC)
DC offset voltage
on pins C0 to C39
-
±20
-
mV
RO
output resistance
on pins at C0 to C39
[4]
-
36k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com