Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRT512 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SRT512_09 Datasheet HTML 7Page - STMicroelectronics SRT512_09 Datasheet HTML 8Page - STMicroelectronics SRT512_09 Datasheet HTML 9Page - STMicroelectronics SRT512_09 Datasheet HTML 10Page - STMicroelectronics SRT512_09 Datasheet HTML 11Page - STMicroelectronics SRT512_09 Datasheet HTML 12Page - STMicroelectronics SRT512_09 Datasheet HTML 13Page - STMicroelectronics SRT512_09 Datasheet HTML 14Page - STMicroelectronics SRT512_09 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
SRT512
Data transfer
Doc ID 13277 Rev 4
11/46
3.2
Output data transfer from SRT512 to reader (answer frame)
The data bits issued by the SRT512 use back-scattering. Back-scattering is obtained by
modifying the SRT512 current consumption at the antenna (load modulation). The load
modulation causes a variation at the reader antenna by inductive coupling. With appropriate
detector circuitry, the reader is able to pick up information from the SRT512. To improve
load-modulation detection, data is transmitted using a BPSK encoded, 847 kHz subcarrier
frequency ƒs as shown in Figure 7, and as specified in the ISO 14443-2 Type B standard.
Figure 7.
Wave transmitted using BPSK subcarrier modulation
3.2.1
Character transmission format for answer frame
The character format is the same as for input data transfer (Figure 4). The transmitted
frames are made up of an SOF, data, a CRC and an EOF (Figure 10). As with an input data
transfer, if an error occurs, the reader does not issue an error code to the SRT512, but it
should be able to detect it and manage the situation. The data transfer rate is
106 Kbits/second.
3.2.2
Answer start of frame
The SOF described in Figure 8 is composed of:
●
followed by 10 ETUs at logic-0
●
followed by 2 ETUs at logic-1
Figure 8.
Answer start of frame
Or
AI13504b
Data Bit to be Transmitted
to the Reader
847-kHz BPSK Modulation
Generated by the SRT512
BPSK Modulation at 847 kHz
During a One-bit Data Transfer Time (1/106 kHz)
ai07665
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
0000000000
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com