Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRT512 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SRT512_09 Datasheet HTML 11Page - STMicroelectronics SRT512_09 Datasheet HTML 12Page - STMicroelectronics SRT512_09 Datasheet HTML 13Page - STMicroelectronics SRT512_09 Datasheet HTML 14Page - STMicroelectronics SRT512_09 Datasheet HTML 15Page - STMicroelectronics SRT512_09 Datasheet HTML 16Page - STMicroelectronics SRT512_09 Datasheet HTML 17Page - STMicroelectronics SRT512_09 Datasheet HTML 18Page - STMicroelectronics SRT512_09 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
SRT512
Memory mapping
Doc ID 13277 Rev 4
15/46
4.1
EEPROM area
Blocks 0 to 4 define a User area. They behave as standard EEPROM blocks, like blocks 7 to
15 as described in Figure 13. Each block can be individually write-protected using the
OTP_Lock_Reg bits of the system area. Once a block has been protected, it can no longer
be unprotected.
Figure 13.
Lockable EEPROM area (addresses 0 to 4)
4.2
32-bit binary counters
The two 32-bit binary counters located at block addresses 5 and 6, respectively, are used to
count down from 232 (4096 million) to 0. The SRT512 uses dedicated logic that only allows
the update of a counter if the new value is lower than the previous one. This feature allows
the application to count down by steps of 1 or more. The initial value is FFFF FFFEh in
counter 5 and, FFFF FFFFh in counter 6. When the value displayed is 0000 0000h, the
counter is empty and cannot be reloaded. The counter is updated by issuing the Write_block
command to block address 5 or 6, depending on which counter is to be updated. The
Write_block command writes the new 32-bit value to the counter block address. Figure 15
shows examples of how the counters operate.
The counter programming cycles are protected by automated antitearing logic. This function
allows the counter value to be protected in case of power down within the programming
cycle. In case of power down, the counter value is not updated and the previous value
continues to be stored.
Blocks 5 and 6 can be write-protected using the OTP_Lock_Reg bits (block 255). Once a
block has been protected, its contents cannot be modified. A protected counter block
behaves like a ROM block.
Figure 14.
Binary counter (addresses 5 to 6)
Block
address
MSb
b31
32-bit block
b16 b15 b14
b8 b7
LSb
b0
Description
Lockable
EEPROM
0
1
2
3
4
User area
User area
User area
User area
User area
ai12382b
Block
address
MSb
32-bit block
LSb
Description
Count down
counter
5
6
32-bit binary counter
32-bit binary counter
ai12384b
b31
b16 b15 b14
b8 b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com