Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRT512 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SRT512_09 Datasheet HTML 8Page - STMicroelectronics SRT512_09 Datasheet HTML 9Page - STMicroelectronics SRT512_09 Datasheet HTML 10Page - STMicroelectronics SRT512_09 Datasheet HTML 11Page - STMicroelectronics SRT512_09 Datasheet HTML 12Page - STMicroelectronics SRT512_09 Datasheet HTML 13Page - STMicroelectronics SRT512_09 Datasheet HTML 14Page - STMicroelectronics SRT512_09 Datasheet HTML 15Page - STMicroelectronics SRT512_09 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Data transfer
SRT512
12/46
Doc ID 13277 Rev 4
3.2.3
Answer end of frame
The EOF shown in Figure 9 is composed of:
●
followed by 10 ETUs at logic-0,
●
followed by 2 ETUs at logic-1.
Figure 9.
Answer end of frame
3.3
Transmission frame
Between the request data transfer and the answer data transfer, all ASK and BPSK
modulations are suspended for a minimum time of t0 = 128/ƒS. This delay allows the reader
to switch from Transmission to Reception mode. It is repeated after each frame. After t0, the
13.56 MHz carrier frequency is modulated by the SRT512 at 847 kHz for a period of
t1 =128/ƒS to allow the reader to synchronize. After t1, the first phase transition generated
by the SRT512 forms the start bit (‘0’) of the answer SOF. After the falling edge of the
answer EOF, the reader waits a minimum time, t2, before sending a new request frame to
the SRT512.
Figure 10.
Example of a complete transmission frame
ai07665
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
0000000000
11
12 bits
10 bits
Sync
128/fs
128/fs
fs=847.5kHz
t
DR
t
0
t
1
SOF
Cmd
Data
CRC
CRC
EOF
10 bits
10 bits
10 bits
10 bits
12 bits
10 bits
10 bits
10 bits
Data CRC CRC
SOF
EOF
12 bits
SOF
t
2
Ai13506b
Input data transfer using ASK
Output data transfer using BPSK
Sent by the
Reader
Sent by
SRT512
at 106kb/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com