Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2065P Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA2065P
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065P Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA2065P Datasheet HTML 5Page - STMicroelectronics STA2065P Datasheet HTML 6Page - STMicroelectronics STA2065P Datasheet HTML 7Page - STMicroelectronics STA2065P Datasheet HTML 8Page - STMicroelectronics STA2065P Datasheet HTML 9Page - STMicroelectronics STA2065P Datasheet HTML 10Page - STMicroelectronics STA2065P Datasheet HTML 11Page - STMicroelectronics STA2065P Datasheet HTML 12Page - STMicroelectronics STA2065P Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STA2065
System description
Doc ID16050 Rev 1
9/20
2.6
Communication interfaces
2.6.1
USB
STA2065 embeds two USB2.0 OTG high-speed interfaces named USB0 and USB1,
featuring:
a)
High-speed signalling rate at 480 Mbit/s
b)
Support for full-speed (12 Mbit/s) signaling bit rate
c)
Support for session request protocol (SRP) and host negotiation protocol (HNP)
d)
Up to 7 bidirectional endpoints plus control endpoint 0
e)
8192 bytes maximum FIFO dimension
f)
Dynamic FIFO allocation
To reduce total system cost, USB0 is equipped with a built-in USB 2.0 HIGH-SPEED / OTG
PHY, while USB1 is provided with both an USB 2.0 FULL-SPEED PHY and a standard ULPI
interface able to connect to an external SDR/DDR PHY.
With the goal of reducing the BOM cost for the customer, the USB 2.0 PHY also supports
this additional muxing scheme:
●
the USB D- wire is used as either the USB D- signal or UART receive data signal
●
the USB D+ wire is used as either the USB D+ signal or the UART transmit data signal
2.6.2
UART
STA2065 features four Autobaud UARTs. One offers all modem control/status signals. They
are enhanced version of the industry-standard 16C550 UART.
2.6.3
I2C
The I2C controller is an interface designed to support the physical and data link layer
according to I2C standard revision 2.1 (January 2000). The I2C bus is a 2-wire serial bus
that provides a low-cost interconnection between ICs. STA2065 features three I2C
interfaces.
2.6.4
MSP
The multichannel serial port (MSP) is a synchronous receive and transmit serial interface.
STA2065 features four MSPs.
2.6.5
SSP
STA2065 features two SSPs up to 24Mbit/sec for synchronous serial communication with
external peripherals. SPI, MicroWire, T.I. and mono-directional protocols are supported with
programmable word length up to 32 bits.
2.6.6
SPDIF
This interface takes SPDIF as input and extracts data and other channel information
encrypted in SPDIF Frame format as per IEC958 standards. Data can be transferred to
memory, using DMA support, or directly to C3 decoder without CPU intervent. SPDIF block
supports up to 2X data streams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com