Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2065P Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA2065P
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065P Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA2065P Datasheet HTML 12Page - STMicroelectronics STA2065P Datasheet HTML 13Page - STMicroelectronics STA2065P Datasheet HTML 14Page - STMicroelectronics STA2065P Datasheet HTML 15Page - STMicroelectronics STA2065P Datasheet HTML 16Page - STMicroelectronics STA2065P Datasheet HTML 17Page - STMicroelectronics STA2065P Datasheet HTML 18Page - STMicroelectronics STA2065P Datasheet HTML 19Page - STMicroelectronics STA2065P Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
System features introduction
STA2065
16/20
Doc ID16050 Rev 1
3.5
System wakeup and power down
Typically the system using STA2065 will never be powered off, even when the user switches
the device off using the main power switch. The main power switch works in a way that puts
the device either in Backup or in DEEP-SLEEP mode. In this state, the only blocks within
STA2065 that are powered are the RTC, PMU, PWL, SRC and the backup RAM; at system
level, only the Vdd_on is powered.
The following wakeup methods are possible:
●
The user presses a button on the unit that causes all of the main power supplies to
start. After an appropriate delay, the processor's reset line is lifted and allows the code
to start executing
●
The internal alarm feature triggers a dedicated signal that will cause all of the main
supplies to start. After an appropriate delay, the processor's reset line is lifted and
allows the code to start execution
Considering the above mentioned wakeup system, while in DEEP-SLEEP and in BACKUP
state also, some dedicated IO lines must be powered:
●
POR (input)
●
POWEREN (output)
●
VDDOK and BATOK (input)
●
WAKE (input)
●
32 kHz crystal (SXTALI and SXTALO)
●
OSC32KOUT (output)
In order to keep the external DRAM in self refresh while in DEEP-SLEEP, CKE of the DRAM
must be kept low. Since all the IOs are not powered in DEEP-SLEEP, in order to make the
self refresh working, an external pulldown resistor is needed.
DEEP-SLEEP
on
off
off
1.2V to 1.3V
(typically 1.25V)
off
Refer section
3.5
BACKUP
on
off
off
1.2V to 1.3V
(typically 1.25V)
off
Refer section
3.5
Table 3.
Power mode states (continued)
Power State
32 kHz
PLL1
PLL2
Vdd_on
Vdd
IOs
OFF
off
off
off
off
off
off
NORMAL
on
on
on
1.2V to 1.3V
=Vdd_on
1.7 to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com