Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2065P Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA2065P
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065P Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA2065P Datasheet HTML 12Page - STMicroelectronics STA2065P Datasheet HTML 13Page - STMicroelectronics STA2065P Datasheet HTML 14Page - STMicroelectronics STA2065P Datasheet HTML 15Page - STMicroelectronics STA2065P Datasheet HTML 16Page - STMicroelectronics STA2065P Datasheet HTML 17Page - STMicroelectronics STA2065P Datasheet HTML 18Page - STMicroelectronics STA2065P Datasheet HTML 19Page - STMicroelectronics STA2065P Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
STA2065
System features introduction
Doc ID16050 Rev 1
17/20
3.6
IO groups
Vddio is split into the following groups:
●
Vddio_on
(a)
●
Vddiox (This is split into 5 types: VddioA, VddioB, VddioC, VddioD, VddioE)
(b)
●
VUSB (USB 2.0 PHY transceiver)
The IO supply type and corresponding pads details are as follows:
●
Vddio_on: Power Supply pins for the IO buffers of the always ON section. It supplies
POR, PWREN, VDDOK, BATOK, WAKE, SXTALI, SXTALO, OSC32KOUT
●
VddioA: Power Supply pins for the IO buffers. It supplies most GPIOs and dedicated
pads for JTAG, MMC0 and GPS
●
VddioB : Power Supply pins for the IO buffers. Supplies to the CLCD IOs
●
VddioC: Power Supply pins for the IO buffers. Supplies the SDMC IOs
●
VddioD: Power Supply pins for the IO buffers. Supplies the following IOs: FSMC,
GPIO64:67, GPIO96:127 and dedicated pads for TEST (SCANEN, TAPSEL)
●
VddioE: Power Supply pins for the IO buffers. Supplies the following IOs: CAN, MSP,
GPIOs related to SDMMC functionality
●
VUSB: 3.3V USB PAD power supply
●
VTSC: 3.3V Touchscreen PAD power supply.
a.
Vddio_on is always 1.8V.
b.
When Vddio domain A is powered with 2.5V (its PSW bit = 1), all other Vddio domains (B, D, E) should be
powered with same voltage level i.e 2.5V. Vddio domain C and Vddio_coreon is always powered with 1.8V. The
vice-versa is not true. So for example, application can power voltage bank B with 2.5V (keeping its PSW=1)
and VddioA as 1.8V. The corresponding mode is defined by PSW bits (20:16) of PMU Control register 2
(PMU_CR2) on page 263.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com