Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68053 Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 32Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 33Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 34Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 35Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 36Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 37Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 38Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 39Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 40Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 38 of 40
12. PCB Layout Recommendations
The following recommendations must be followed to ensure
reliable high performance operation.
At least a four-layer impedance controlled board is required to
maintain signal quality.
Specify impedance targets (ask your board vendor what they
can achieve).
To control impedance, maintain trace widths and trace spacing
to within specifications.
Minimize stubs to minimize reflected signals.
Connections between the USB connector shell and signal
ground must be done near the USB connector.
Bypass or flyback caps on VBus, near connector, are
recommended.
DPLUS and DMINUS trace lengths must be kept within 2 mm
of each other in length, with preferred length of 20 to 30 mm.
Maintain a solid ground plane under the DPLUS and DMINUS
traces. Do not allow the plane to be split under these traces.
It is preferable to have no vias placed on the DPLUS or
DMINUS trace routing.
Isolate the DPLUS and DMINUS traces from all other signal
traces by no less than 10 mm.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com