Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68053 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 9Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 10Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 11Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 12Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 13Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 14Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 15Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 16Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 13 of 40
6F
PA4 or
FIFOADR0
I/O/Z
I
(PA4)
Multiplexed pin whose function is selected by IFCONFIG[1:0].
PA4 is a bidirectional I/O port pin.
FIFOADR0 is an input-only address select for the slave FIFOs connected to
FD[7:0] or FD[15:0].
8C
PA5 or
FIFOADR1
I/O/Z
I
(PA5)
Multiplexed pin whose function is selected by IFCONFIG[1:0].
PA5 is a bidirectional I/O port pin.
FIFOADR1 is an input-only address select for the slave FIFOs connected to
FD[7:0] or FD[15:0].
7C
PA6 or
PKTEND
I/O/Z
I
(PA6)
Multiplexed pin whose function is selected by the IFCONFIG[1:0] bits.
PA6 is a bidirectional I/O port pin.
PKTEND is an input that commits the FIFO packet data to the endpoint and
whose polarity is programmable using FIFOPINPOLAR.5.
6C
PA7 or
FLAGD or
SLCS#
I/O/Z
I
(PA7)
Multiplexed pin whose function is selected by the IFCONFIG[1:0] and
PORTACFG.7 bits.
PA7 is a bidirectional I/O port pin.
FLAGD is a programmable slave FIFO output status flag signal.
SLCS# gates all other slave FIFO enable/strobes
Port B
3H
PB0 or
FD[0]
I/O/Z
I
(PB0)
Multiplexed pin whose function is selected by IFCONFIG[1:0].
PB0 is a bidirectional I/O port pin.
FD[0] is the bidirectional FIFO/GPIF data bus.
4F
PB1 or
FD[1]
I/O/Z
I
(PB1)
Multiplexed pin whose function is selected by IFCONFIG[1:0].
PB1 is a bidirectional I/O port pin.
FD[1] is the bidirectional FIFO/GPIF data bus.
4H
PB2 or
FD[2]
I/O/Z
I
(PB2)
Multiplexed pin whose function is selected by IFCONFIG[1:0].
PB2 is a bidirectional I/O port pin.
FD[2] is the bidirectional FIFO/GPIF data bus.
4G
PB3 or
FD[3]
I/O/Z
I
(PB3)
Multiplexed pin whose function is selected by IFCONFIG[1:0].
PB3 is a bidirectional I/O port pin.
FD[3] is the bidirectional FIFO/GPIF data bus.
5H
PB4 or
FD[4]
I/O/Z
I
(PB4)
Multiplexed pin whose function is selected by IFCONFIG[1:0].
PB4 is a bidirectional I/O port pin.
FD[4] is the bidirectional FIFO/GPIF data bus.
5G
PB5 or
FD[5]
I/O/Z
I
(PB5)
Multiplexed pin whose function is selected by IFCONFIG[1:0].
PB5 is a bidirectional I/O port pin.
FD[5] is the bidirectional FIFO/GPIF data bus.
5F
PB6 or
FD[6]
I/O/Z
I
(PB6)
Multiplexed pin whose function is selected by IFCONFIG[1:0].
PB6 is a bidirectional I/O port pin.
FD[6] is the bidirectional FIFO/GPIF data bus.
6H
PB7 or
FD[7]
I/O/Z
I
(PB7)
Multiplexed pin whose function is selected IFCONFIG[1:0].
PB7 is a bidirectional I/O port pin.
FD[7] is the bidirectional FIFO/GPIF data bus.
Table 7. FX2LP18 Pin Descriptions (continued)[9]
56 VFBGA
Name
Type
Default
Description
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com