Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68053 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C68053_09 Datasheet HTML 1Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 2Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 3Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 4Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 5Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 6Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 7Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 8Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 5 of 40
3.9 Reset and Wakeup
The reset and wakeup pins are described in detail in this section.
3.9.1 Reset Pin
The input pin, RESET#, resets the FX2LP18 when asserted.
This pin has hysteresis and is active LOW. When a crystal is
used with the CY7C68053, the reset period must allow for the
stabilization of the crystal and the PLL. This reset period must be
approximately 5 ms after VCC has reached 3.0V. If the crystal
input pin is driven by a clock signal the internal PLL stabilizes in
200
μs after V
CC has reached 3.0V
[2]. Figure 2 shows a power
on reset condition and a reset applied during operation. A power
on reset is defined as the time reset is asserted while power is
being applied to the circuit. A powered reset is defined as a reset
in which the FX2LP18 has previously been powered on and
operating and the RESET# pin is asserted.
Cypress provides an application note which describes and
recommends power on reset implementation, which can be
found on the Cypress web site. For more information on reset
implementation for the MoBL-USB family of products, visit the
Cypress web site at http://www.cypress.com.
3.9.2 Wakeup Pins
The 8051 puts itself and the rest of the chip into a power-down
mode by setting PCON.0 = 1. This stops the oscillator and PLL.
When WAKEUP is asserted by external logic, the oscillator
restarts, after the PLL stabilizes, and then the 8051 receives a
wakeup interrupt. This applies whether or not FX2LP18 is
connected to the USB.
The FX2LP18 exits the power down (USB suspend) state using
one of the following methods:
USB bus activity (if D+/D– lines are left floating, noise on these
lines may indicate activity to the FX2LP18 and initiate a
wakeup)
External logic asserts the WAKEUP pin
External logic asserts the PA3/WU2 pin
The second wakeup pin, WU2, can also be configured as a
general purpose I/O pin. This allows a simple external R-C
network to be used as a periodic wakeup source. Note that
WAKEUP is active LOW by default.
3.9.3 Lowering Suspend Current
Good design practices for CMOS circuits dictate that any unused
input pins must not be floating between VIL and VIH. Floating
input pins will not damage the chip, but can substantially
increase suspend current. To achieve the lowest suspend
current, confiigure unused port pins as outputs. Connect unused
input pins to ground. Some examples of pins that need attention
during suspend are:
Port pins. For Port A, B, D pins, take extra care in shared bus
situations.
Connect completely unused pins to VCC_IO or GND.
In a single-master system, the firmware must output enable
all the port pins and drive them high or low, before FX2LP18
enters the suspend state.
In a multi-master system (FX2LP18 and another processor
sharing a common data bus), when FX2LP18 is suspended,
the external master must drive the pins high or low. The
external master must not let the pins float.
CLKOUT. If CLKOUT is not used, it must be tri-stated during
normal operation, but driven during suspend.
IFCLK, RDY0, RDY1. These pins must be pulled to VCC_IO or
GND or driven by another chip.
Figure 2. Reset Timing Plots
VIL
0V
1.8V
1.62V
TRESET
VCC
RESET#
Power on Reset
TRESET
VCC
RESET#
VIL
Powered Reset
1.8V
0V
Table 3. Reset Timing Values
Condition
TRESET
Power on reset with crystal
5 ms
Power on reset with external
clock
200
μs + clock stability time
Powered reset
200
μs
Note
2. If the external clock is powered at the same time as the CY7C680xx and has a stabilization wait period, it must be added to the 200
μs.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com