Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3577 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 10Page - Linear Technology LTC3577 Datasheet HTML 11Page - Linear Technology LTC3577 Datasheet HTML 12Page - Linear Technology LTC3577 Datasheet HTML 13Page - Linear Technology LTC3577 Datasheet HTML 14Page - Linear Technology LTC3577 Datasheet HTML 15Page - Linear Technology LTC3577 Datasheet HTML 16Page - Linear Technology LTC3577 Datasheet HTML 17Page - Linear Technology LTC3577 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
LTC3577/LTC3577-1
14
3577f
TYPICAL PERFORMANCE CHARACTERISTICS
OVSENS Quiescent Current
vs Temperature
OVGATE vs OVSENS
Input and Battery Current
vs Load Current
TA = 25°C unless otherwise specified
LED Driver Efficiency 6 LEDs
Rising Overvoltage Threshold
vs Temperature
LED Driver Efficiency 10 LEDs
LED Driver Efficiency 8 LEDs
LED Driver Efficiency 4 LEDs
TEMPERATURE (°C)
–40
33
35
37
60
3577 G34
31
29
27
–15
10
35
85
VOVSENS = 5V
TEMPERATURE (°C)
–40
6.270
6.275
6.280
60
3577 G35
6.265
6.260
6.255
–15
10
35
85
INPUT VOLTAGE (V)
0
0
2
4
6
8
10
12
24
6
8
3577 G36
OVSENS CONNECTED
TO INPUT THROUGH
6.2k RESISTOR
ILOAD (mA)
0
600
500
400
300
200
100
0
–100
300
500
3577 G37
100
200
400
600
ILOAD
IIN
IBAT
(CHARGING)
IBAT
(DISCHARGING)
WALL = 0V
RPROG = 2k
RCLPROG = 2k
ILED (mA)
0
90
85
80
75
70
65
60
55
50
16
3577 G38
4
8
12
20
14
2
6
10
18
3V
3.6V
4.2V
4.8V
5.5V
ILED (mA)
0
90
85
80
75
70
65
60
55
50
16
35773 G39
4
8
12
20
14
2
6
10
18
3V
3.6V
4.2V
4.8V
5.5V
ILED (mA)
0
90
85
80
75
70
65
60
55
50
16
3577 G40
4
8
12
20
14
2
6
10
18
3V
3.6V
4.2V
4.8V
5.5V
ILED (mA)
0
90
85
80
75
70
65
60
55
50
16
3577 G41
4
8
12
20
14
2
6
10
18
3V
3.6V
4.2V
4.8V
5.5V
LED Boost Current Limit
vs Temperature
TEMPERATURE (°C)
–40
600
800
1000
1200
40
3577 G42
400
200
500
700
900
1100
300
100
0
–20
0
20
60
80
100 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com